Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4446 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP4446
Description  High Output Voltage Boost Regulator LCD Bias Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4446 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP4446 Datasheet HTML 2Page - Sipex Corporation SP4446 Datasheet HTML 3Page - Sipex Corporation SP4446 Datasheet HTML 4Page - Sipex Corporation SP4446 Datasheet HTML 5Page - Sipex Corporation SP4446 Datasheet HTML 6Page - Sipex Corporation SP4446 Datasheet HTML 7Page - Sipex Corporation SP4446 Datasheet HTML 8Page - Sipex Corporation SP4446 Datasheet HTML 9Page - Sipex Corporation SP4446 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: 1/2/06
SP4446 High Output Voltage Boost Regualtor, LCD Bias Regulator
© Copyright 2006 Sipex Corporation
Figure 8. 18V Output Efficiency (VIN=3.3V)
Figure 9. 18V Output Efficiency (V
IN=5V)
Figure 6. 15V Output Efficiency (VIN=3.3V)
Figure 7. 15V Output Efficiency (VIN=5V)
Vin=3.3V; Vout = 18V Efficiency
40
45
50
55
60
65
70
75
80
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Iout (mA)
10 uH
22 uH
Vin=5.0V; Vout = 18V Efficiency
40
45
50
55
60
65
70
75
80
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Iout (mA)
10 uH
22 uH
PERFORMANCE CHARACTERISTICS
Refer to the typical application circuit, TAMB = 25°C, unless otherwise specified.
Figure 4. 12V Output Efficiency (VIN=3.3V)
Figure 5. 12V Output Efficiency (V
IN=5V)
Vin=3.3V;Vout =12V Efficiency
50
55
60
65
70
75
80
85
0369
12
15
18
Iout (mA)
10 uH
22 uH
Vin=5.0V;Vout =12V Efficiency
50
55
60
65
70
75
80
85
05
10
15
20
25
30
Iout (mA)
10 uH
22 uH
Vin=3.3V;Vout =15V Efficiency
50
55
60
65
70
75
80
02
46
8
10
12
Iout (mA)
10 uH
22 uH
Vin=5.0V;Vout =15V Efficiency
50
55
60
65
70
75
80
0369
12
15
18
Iout (mA)
10 uH
22 uH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com