Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4446 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP4446
Description  High Output Voltage Boost Regulator LCD Bias Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4446 Datasheet(HTML) 4 Page - Sipex Corporation

  SP4446 Datasheet HTML 1Page - Sipex Corporation SP4446 Datasheet HTML 2Page - Sipex Corporation SP4446 Datasheet HTML 3Page - Sipex Corporation SP4446 Datasheet HTML 4Page - Sipex Corporation SP4446 Datasheet HTML 5Page - Sipex Corporation SP4446 Datasheet HTML 6Page - Sipex Corporation SP4446 Datasheet HTML 7Page - Sipex Corporation SP4446 Datasheet HTML 8Page - Sipex Corporation SP4446 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: 1/2/06
SP4446 High Output Voltage Boost Regualtor, LCD Bias Regulator
© Copyright 2006 Sipex Corporation
inherently low ESR, which will help produce low
peak to peak output ripple, and reduce high fre-
quency spikes.
For the typical application, a 4.7
µF input capacitor
and a 2.2
µF output capacitor are sufficient. The
input and output ripple could be further reduced by
increasing the value of the input and output capaci-
tors. Place all the capacitors as close to the SP4446
as possible for layout. For use as a voltage source,
to reduce the output ripple, a small feedforward
capacitor (47pF) across the top feedback resistor
can be used to provide sufficient overdrive for the
error comparator, thus reduce the output ripple.
Refer to Table 2 for some suggested low ESR capacitors.
MANUF.
PART
CAP/
SIZE/
NUMBER
VOLTAGE
TYPE
MURATA
GRM32RR71E
2.2
µF/25V
1210/X5R
770-436-1300
225KC01B
MURATA
GRM31CR61A
4.7
µF/10V
1206/X5R
770-436-1300
475KA01B
TDK
C3225X7R1E
2.2
µF/25V
1206/X7R
847-803-6100
225M
TDK
C3216X5R1A
4.7
µF/10V
1206/X5R
847-803-6100
475K
APPLICATION INFORMATION
Inductor Selection
For SP4446, the internal switch will be turned off
only after the inductor current reaches the typical
DC current limit (ILIM=150mA).However,thereis
typically a propagation delay of 200nS between
the time when the current limit is reached and
when the switch is actually turned off. During this
200nS delay, the peak inductor current will in-
crease,exceedingthecurrentlimitbyasmallamount.
The peak inductor current can be estimated by:
IPK = ILIM +
VIN(MAX)
• 200nS
L
The larger the input voltage and the lower the
inductor value, the greater the peak current.
In selecting an inductor, the saturation current
specified for the inductor needs to be greater than
the SP4446 peak current to avoid saturating the
inductor, which would result in a loss of efficiency
and could damage the inductor. Choosing an in-
ductor with low DCR decreases power losses and
increase efficiency.
Refer to Table 1 for some suggested low ESR inductors.
MANUF.
PART NUMBER
DCR
Current
(
Ω)
Rating
(mA)
MURATA
LQH32CN100K21
0.44
300
770-436-1300
(10
µH)
MURATA
LQH32CN220K21
0.71
250
770-436-1300
(22
µH)
TDK
NLFC453232T-100K
847-803-6100
(10
µH)
0.273
250
TDK
NLC453232T-100K
0.9
370
847-803-6100
(22
µH)
Table 1. Suggested Low ESR inductors
Diode Selection
A schottky diode with a low forward drop and fast
switching speed is ideally used here to achieve
high efficiency. In selecting a Schottky diode, the
current rating of the schottky diode should be
larger than the peak inductor current. Moreover,
the reverse breakdown voltage of the Schottky
diode should be larger than the output voltage.
Capacitor Selection
Ceramic capacitors are recommended for their
Table 2. Suggested Low ESR Capacitor
Output Voltage Program
In order for the SP4446 to be programmed as a
voltage source, the SP4446 requires 2 feedback
resistors R1 & R2 to control the output voltage, as
shown in Figure 1.
L1
1.22V
R2
D1
C1
C2
R1
VOUT
U1
SP4446
1
2
3
4
5
SW
G ND
FB
SHDN
V
I N
VIN
Figure 1. Using SP4446 as Voltage Source



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com