Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2516 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMIITER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2516 Datasheet HTML 6Page - RF Micro Devices RF2516 Datasheet HTML 7Page - RF Micro Devices RF2516 Datasheet HTML 8Page - RF Micro Devices RF2516 Datasheet HTML 9Page - RF Micro Devices RF2516 Datasheet HTML 10Page - RF Micro Devices RF2516 Datasheet HTML 11Page - RF Micro Devices RF2516 Datasheet HTML 12Page - RF Micro Devices RF2516 Datasheet HTML 13Page - RF Micro Devices RF2516 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
11-10
RF2516
Rev A17 060712
With these known, it is then possible to determine the values of the filter components.4
As an example, consider a loop bandwidth of 50kHz, a phase margin of 45°, a divide ratio of 64, a KVCO of 20MHz/V,
and a KPD of 100
μA/2πrad. Time constant τ1 is 1.31848μs, time constant τ2 is 7.68468μs, C
1 is 20.9 pF, C2 is 100.8 pF,
and R2 is 76.2kΩ.
In order to perform these calculations, one will need to know the value of two constants, KVCO and KPD. KPD is calculated
by dividing the charge pump current by 2
π. For the RF2516, the charge pump current is 100μA. K
VCO is best found
empirically as it will change with frequency and board parasitics. By briefly connecting pin 14 (LOOP FLT) to VCC and
then to ground, the frequency tuning range of the VCO can be seen. Dividing the difference between these two frequen-
cies by the difference in the voltage gives KVCO in MHz/V.
The control lines provide an interface for connecting the device to a microcontroller or other signal generating mecha-
nism. The designer can treat pin 8 (MOD IN), pin 16 (DIV CTRL), and pin 3 (PD) as control pins whose voltage level can
be set. The lock-detect voltage at pin 15 (LD FLT) is an output that can be monitored by the microcontroller.
Pin 15 (LD FLT) is used to set the threshold of the lock-detect circuit. A shunt capacitor is used to set an RC time con-
stant with an on-chip series 1k
Ω resistor. The time constant should be approximately 10 times the reference period.
General RF bypassing techniques must be observed to get the best performance. Choose capacitors such that they are
series resonant near the frequency of operation.
Board layout is always an area in which great care must be taken. The board material and thickness are used in calcu-
lating the RF line widths. The use of vias for connection to the ground plane allows one to connect to ground as close as
possible to ground pins. When laying out the traces around the VCO, it is desirable to keep the parasitics equal between
the two legs. This will allow equal valued inductors to be used.
Pre-compliance testing should be performed during the design process. This can be done with a GTEM cell or at a
compliance testing laboratory. It is recommended that pre-compliance testing be performed so that there are no sur-
prises during final compliance testing. This will help keep the product development and release on schedule.
Working with a laboratory offers the benefit of years of compliance testing experience and familiarity with the regulatory
issues. Also, the laboratory can often provide feedback that will help the designer make the product compliant.
On the other hand, having a GTEM cell or an open air test site locally offers the designer the ability to rapidly determine
whether or not design changes impact the product's compliance. Set-up of an open air test site and the associated cali-
bration is not trivial. An alternative is to use a GTEM test cell.
After the design has been completed and passes compliance testing, application will need to be made with the respec-
tive regulatory bodies for the geographic region in which the product will be operated to obtain final certifications.
C
1
τ
1
τ
2
-----
K
PD
K
VCO
⋅
ω
LBW
2
N
⋅
-----------------------------
1
ω
LBW
τ
2
⋅
()
2
+
1
ω
LBW
τ
1
⋅
()
2
+
----------------------------------------
⋅⋅
=
C
2
C
1
τ
2
τ
1
-----
1
–
⎝⎠
⎛⎞
⋅
=
R
2
τ
2
C
2
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com