Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2516 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMIITER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2516 Datasheet HTML 3Page - RF Micro Devices RF2516 Datasheet HTML 4Page - RF Micro Devices RF2516 Datasheet HTML 5Page - RF Micro Devices RF2516 Datasheet HTML 6Page - RF Micro Devices RF2516 Datasheet HTML 7Page - RF Micro Devices RF2516 Datasheet HTML 8Page - RF Micro Devices RF2516 Datasheet HTML 9Page - RF Micro Devices RF2516 Datasheet HTML 10Page - RF Micro Devices RF2516 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
11-7
RF2516
Rev A17 060712
The RF2516 contains onboard band gap reference voltage circuitry which provides a stable DC bias over varying tem-
perature and supply voltages. Additionally, the device features a power-down mode, eliminating battery disconnect
switches.
Designing With the RF2516
The reference oscillator is built around the onboard transistor at pins 1 and 2. The intended topology is that of a Colpitts
oscillator. The Colpitts oscillator is quite common and requires few external components, making it ideal for low-cost
solutions. The topology of this type of oscillator is as seen in the following figure.
This type of oscillator is a parallel resonant circuit for a fundamental mode crystal. The transistor amplifier is an emitter
follower and the voltage gain is developed by the tapped capacitor impedance transformer. The series combination of C1
and C2 act in parallel with the input capacitance of the transistor to capacitively load the crystal.
The nominal capacitor values can be calculated with the following equations6:
and
The load capacitance is usually 32pF. The variable freq is the oscillator frequency in MHz. The frequency can be
adjusted by either changing C2 or by placing a variable capacitor in series with the crystal. As an example, assume a
desired frequency of 14MHz and a load capacitance of 32pF. C1=137.1pF and C2=41.7pF.
These capacitor values provide a starting point. The drive level of the oscillator should be checked by looking at the sig-
nal at pin 2 (OSC E). It has been found that the level at this pin should generally be around 500mVPP or less. This will
reduce the reference spur levels and reduce noise from distortion. If this level is higher than 500mVPP then increase the
value of C1. The values of these capacitors are usually tweaked during design to meet performance goals, such as mini-
mizing the start-up time.
Additionally, by placing a variable capacitor in series with the crystal, one is able to adjust the frequency. This will also
alter the drive level, so it should be checked again.
An important part of the overall design is the voltage controlled oscillator. The VCO is configured as a differential
amplifier. The VCO is tuned via internal varactors. The varactors are tuned by the loop filter output voltage through a 4k
Ω
resistor.
X1
C2
C1
V
CC
C
1
60 C
load
⋅
freq
MHz
------------------------
=
C
2
1
1
C
load
-------------
1
C
1
------
–
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com