Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2516 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMIITER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2516 Datasheet HTML 8Page - RF Micro Devices RF2516 Datasheet HTML 9Page - RF Micro Devices RF2516 Datasheet HTML 10Page - RF Micro Devices RF2516 Datasheet HTML 11Page - RF Micro Devices RF2516 Datasheet HTML 12Page - RF Micro Devices RF2516 Datasheet HTML 13Page - RF Micro Devices RF2516 Datasheet HTML 14Page - RF Micro Devices RF2516 Datasheet HTML 15Page - RF Micro Devices RF2516 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
11-12
RF2516
Rev A17 060712
Conclusions
The RF2516 is an AM/OOK VHF/UHF transmitter that features a phase-locked output. This device is suitable for use in a
CFR Part 15.231 compliant product as well as a local oscillator signal source. Two examples showing these applications
were discussed.
The RF2516 is packaged in a low-cost plastic package and requires few external parts, thus making it suitable for low-
cost designs.
Table A
Frequency
(MHz)
15.205 Limits
(
μV/m@3m)
15.231 Limits
(
μV/m@3m)
Final FCC Mask
(
μV/m@3m)
Final FCC Mask
(
μV/m@3m)
Power Level
(dBm, 50
Ω)
Ref Spur
305.2
-
604.17
604.17
55.62
-39.61
1
315.0
-
6041.67
6041.67
75.62
-19.61
Ref Spur
324.8
-
604.17
604.17
55.62
-39.61
2
630.0
-
604.17
604.17
55.62
-39.61
3
945.0
-
604.17
604.17
55.62
-39.61
4
1260.0
-
604.17
604.17
55.62
-39.61
5
1575.0
500
-
500.00
53.98
-41.25
6
1890.0
-
604.17
604.17
55.62
-39.61
7
2205.0
500
-
500.00
53.98
-41.25
8
2520.0
-
604.17
604.17
55.62
-39.61
9
2835.0
500
-
500.00
53.98
-41.25
10
3150.0
-
604.17
604.17
55.62
-39.61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com