Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6330 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6330
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6330 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6330 Datasheet HTML 5Page - Sipex Corporation SP6330 Datasheet HTML 6Page - Sipex Corporation SP6330 Datasheet HTML 7Page - Sipex Corporation SP6330 Datasheet HTML 8Page - Sipex Corporation SP6330 Datasheet HTML 9Page - Sipex Corporation SP6330 Datasheet HTML 10Page - Sipex Corporation SP6330 Datasheet HTML 11Page - Sipex Corporation SP6330 Datasheet HTML 12Page - Sipex Corporation SP6330 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
11
PACKAGE: 8 PIN TSOT
FRONT VIEW
L
ø1
Gauge Plane
L2
c
R
R1
ø1
ø
Seating
Plane
SIDE VIEW
A
A1
A2
Seating
Plane
D
E
E/2
e1
3
2
1
b
e
E1
E1/2
5
4
Pin1 Designator
to be within this
INDEX AREA
(D/2 x E1/2)
TOP VIEW
(L1)
D/2
8
7
6
MIN
NOM
MAX
MIN
NOM
MAX
A
-
-
1.10
-
-
0.043
A1
0.00
-
0.10
0.000
-
0.004
A2
0.70
0.90
1.00
0.028
0.036
0.039
c
0.08
-
0.20
0.003
-
0.008
D
E
E1
L
0.30
0.45
0.60
0.012
0.018
0.024
L1
L2
Ø
0˚
4º
8º
0º
4º
8º
Ø1
4˚
10º
12º
4º
10º
12º
R
0.10
-
-
0.004
-
-
R1
0.10
-
0.25
0.004
-
0.010
b
0.22
-
0.38
0.009
-
0.015
e
e1
1.95 BSC
0.60 REF
0.024 REF
1.60 BSC
0.063 BSC
0.077 BSC
0.65 BSC
0.026 BSC
0.25 BSC
0.010 BSC
SIPEX Pkg Signoff Date/Rev:
JL Oct3-05 / Rev A
SYMBOL
8 Pin TSOT
JEDEC MO-193
Variation BA
2.90 BSC
0.114 BSC
2.80 BSC
0.110 BSC
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com