Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6330 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6330
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6330 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6330 Datasheet HTML 5Page - Sipex Corporation SP6330 Datasheet HTML 6Page - Sipex Corporation SP6330 Datasheet HTML 7Page - Sipex Corporation SP6330 Datasheet HTML 8Page - Sipex Corporation SP6330 Datasheet HTML 9Page - Sipex Corporation SP6330 Datasheet HTML 10Page - Sipex Corporation SP6330 Datasheet HTML 11Page - Sipex Corporation SP6330 Datasheet HTML 12Page - Sipex Corporation SP6330 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
13
Model
Temperature Range
Package Types
SP6330EK1-L-X-X-X...........................................-40°C to +85°C.................................Lead Free 8-Pin TSOT
SP6330EK1-L-X-X-X/TR......................................-40°C to +85°C.................................Lead Free 8-Pin TSOT
SP6332EK1-L-X-X-X............................................-40°C to +85°C.................................Lead Free 8-Pin TSOT
SP6332EK1-L-X-X-X/TR......................................-40°C to +85°C.................................Lead Free 8-Pin TSOT
SP6334EK1-L-X-X-X............................................-40°C to +85°C.................................Lead Free 8-Pin TSOT
SP6334EK1-L-X-X-X/TR......................................-40°C to +85°C.................................Lead Free 8-Pin TSOT
Available in lead free packaging only. /TR = Tape and Reel
Pack quantity 2,500 forTSOT-8
Contact Factory for availability of particular voltage threshold and reset timeout options. Note that the
Ordering Information denoting those options corresponds to the Part Naming Nomenclature shown on the
previous page.
Ordering example: SP6330EK1-L-W-G-C/TR == W -- 2.925V for Voltage Threshold 1; G -- 1.575V for
Voltage Threshold 2; and C -- 200ms reset timeout.
ORDERING INFORMATION
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com