Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6330 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6330
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6330 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6330 Datasheet HTML 1Page - Sipex Corporation SP6330 Datasheet HTML 2Page - Sipex Corporation SP6330 Datasheet HTML 3Page - Sipex Corporation SP6330 Datasheet HTML 4Page - Sipex Corporation SP6330 Datasheet HTML 5Page - Sipex Corporation SP6330 Datasheet HTML 6Page - Sipex Corporation SP6330 Datasheet HTML 7Page - Sipex Corporation SP6330 Datasheet HTML 8Page - Sipex Corporation SP6330 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
5
PIN DESCRIPTION
Pin #
Name
Description
1
V1
First supply voltage input. Also powers internal circuitry. Trip threshold
voltage internally set.
2
V2
Second supply voltage input. Trip threshold voltage internally set.
3
MRIB
Manual Reset Input pin. Active low. It has an internal pull-up resistor.
Reset asserted when MRIB is pulled low and is kept asserted for
200ms after MRIB is released or pulled high. Leave open if not used.
4
V3
Input for the third supply voltage. Trip threshold is 0.5V.
5
V4
Input for the fourth supply voltage. Trip threshold is 0.5V.
6
GND
Common ground reference pin.
7
WDI
Watch-Dog Input pin. When no transition is detected at the WDI pin for
the duration of WDI timeout period, reset is asserted. Leave open if
not used. RST/RSTB output is used to signal watchdog timeout
overflow. RST/RSTB output pulses high/low (depending on the active
reset polarity) for the reset timeout period after each watchdog timeout
overflow. The watchdog timer clears whenever the reset is asserted
or manual reset is asserted or a transition is observed at WDI pin.
Watchdog timer functionality can be disabled in parts by leaving this
input floating.
8
RST/RSTB
Reset output. Open-Drain or CMOS, active high or low. Reset is
asserted when any of the four supply inputs is below its trip threshold.
It stays asserted for 200 ms (typical / default) after the last supply input
traverses its trip threshold. Reset is guaranteed to be in the correct
state for V1>0.9V. RST/RSTB asserts when V1 or V2 or V3 or V4 drop
below their corresponding reset thresholds, or MRIB is pulled
“LOW” or the watchdog timer triggers a reset (devices without
WDOB). RST/RSTB remains asserted for the reset timeout period
after V1 and V2 and V3 and V4 exceed their corresponding reset
thresholds or MRIB goes “LOW” to “HIGH”.
Open-drain outputs
require an external pull-up resistor. CMOS outputs are referenced to
V1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com