Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6648EU Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6648EU
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648EU Datasheet(HTML) 1 Page - Sipex Corporation

  SP6648EU Datasheet HTML 1Page - Sipex Corporation SP6648EU Datasheet HTML 2Page - Sipex Corporation SP6648EU Datasheet HTML 3Page - Sipex Corporation SP6648EU Datasheet HTML 4Page - Sipex Corporation SP6648EU Datasheet HTML 5Page - Sipex Corporation SP6648EU Datasheet HTML 6Page - Sipex Corporation SP6648EU Datasheet HTML 7Page - Sipex Corporation SP6648EU Datasheet HTML 8Page - Sipex Corporation SP6648EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Date: 6/7/06 Rev B
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
SP6648
FEATURES
■ Ultra-low 12μA Quiescent Current
■ 400mA Output Current at 2.6V Input: 3.3VOUT
■ 94% Efficiency from 2 Cell to 3.3VOUT
■ Wide Input Operating Voltage: 0.85V to 4.5V
■ 3.3V Fixed or Adjustable Output
■ Integrated Synchronous Rectifier: 0.3Ω
■ 0.3Ω Switch
■ Anti-Ringing Switch Technology
■ Programmable Inductor Peak Current
■ Logic Shutdown Control
■ Under Voltage Lock-Out at 0.61V
■ Programmable Low-Battery Detect
■ Single or Dual Cell Alkaline
■ Small 10 pin DFN Package and Industry
Standard 10 pin MSOP
Ultra-low Quiescent Current,
High Efficiency Boost Regulator
APPLICATIONS
■ Camera Flash LED Driver
■ Wireless Mouse
■ PDA's
■ Pagers
■ Medical Monitors
■ Handheld Portable Devices
■ MP3 Players
DESCRIPTION
The SP6648 is an ultra-low quiescent current, high efficiency step-up DC-DC converter ideal for
single cell, dual cell alkaline and Li-Ion battery applications such as digital still cameras, PDAs,
MP3 players, and other portable devices. The SP6648 combines the high-load efficiency
associated with PWM control, with the low quiescent current and excellent light-load efficiency
of PFM control. The SP6648 features 12μA quiescent current, synchronous rectification, a 0.3Ω
charging switch, anti-ringing inductor switch, programmable low-battery detect, under-voltage
lockout and programmable inductor peak current. The device can be controlled by a 1nA active
LOW shutdown pin.
205K
10μH
3.3VOUT
VBATT
47μF
SP6648
VBATT
LBON
RLIM
SHDN
FB
LX
LBI
VOUT
PGND
GND
47pF
47μF
1μF
+
10
9
8
7
6
+
LBI
SHDN
1.87K
1
2
3
4
5
LBON
124K
TYPICAL APPLICATION CIRCUIT
0
50
100
150
200
250
300
350
400
450
500
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Vin (V)
Vout=3.3V, Ipk=0.85A
Vout=5.0V, Ipk=0.85A
Maximum Load Current in Operation
SP6648
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
VBATT
LBI
LBON
RLIM
SHDN
V
OUT
LX
P
GND
GND
FB
Now Available in Lead Free Packaging


Similar Part No. - SP6648EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648EU SIPEX-SP6648EU Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648EU SIPEX-SP6648EU Datasheet
125Kb / 4P
Evaluation Board Manual
SP6648EU SIPEX-SP6648EU Datasheet
98Kb / 5P
Evaluation Board Manual
logo
Exar Corporation
SP6648EU EXAR-SP6648EU Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Sipex Corporation
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
More results

Similar Description - SP6648EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6649 SIPEX-SP6649 Datasheet
139Kb / 9P
Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Sipex Corporation
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com