Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6685 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6685 Datasheet HTML 8Page - Sipex Corporation SP6685 Datasheet HTML 9Page - Sipex Corporation SP6685 Datasheet HTML 10Page - Sipex Corporation SP6685 Datasheet HTML 11Page - Sipex Corporation SP6685 Datasheet HTML 12Page - Sipex Corporation SP6685 Datasheet HTML 13Page - Sipex Corporation SP6685 Datasheet HTML 14Page - Sipex Corporation SP6685 Datasheet HTML 15Page - Sipex Corporation SP6685 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Date: 7/6/06 Rev B
SP6685, 700mA Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
COMPONENT SELECTION
The input and output capacitors should be
located as close to the V
IN and VOUT pins as
possible to obtain best bypassing, and the
returns should be connected directly to the
P
GND pin or to the thermal pad ground located
under the SP6685. The fly capacitor should
be located as close to the C1 and C2 pins as
possible. See typical circuit layout (page 13)
for details on the recommended layout.
To obtain lower output ripple, the C
OUT value
can be increased from 1μF to 2.2μF or 4.7μF
with a corresponding decrease in output
ripple as shown in the Typical Performance
Characteristic curves. For output currents of
500mA to 700mA, the recommended C
FC fly
capacitor value of 1μF should be used. Out-
put currents in Flash of 100mA to 400mA
can use a 0.47μF C
FC but a minimum 1μF
C
OUT is still needed.
_______________________
RESISTOR
SELECTION
The sense resistor R
SENSE is determined by
the value needed in the Torch mode for the
desired output current by the equation:
R
SENSE = VFB/ IOUT where VFB = 50mV (Torch
Mode)
Once the R
SENSE resistor has been selected
for Torch mode, the V
FB voltage can be
selected for Flash mode using the following
equation:
V
FB = IOUT * RSENSE (Flash Mode) where IOUT is
for Flash Mode.
Next, the R
SET resistor can be selected for
Flash mode using the following equation:
R
SET = (1.26V/ VFB)*11.2KΩ (Flash Mode)
For an example of 200mA Torch mode and
600mA Flash mode, the values R
SENSE =
0.25Ω, V
FB = 150mV (Flash Mode), and RSET
= 94KΩ are calculated. The power obtained
in the Flash mode would be:
P
FLASH = VFB *IOUT = 150mV*600mA = 90mW.
The typical 0603 surface mount resistor is
rated 1/10 Watt continuous power and 1/5
Watt pulsed power, more than enough for
this application. For other applications, the
P
FLASH power can be calculated and resistor
size selected. The R
SENSE resistor is recom-
mended to be size 0603 for most applica-
tions. The range of typical resistor values
and sizes are shown here in Table 2.
Table 2: Resistor values and sizes
Part Reference
Value
Tolerance
Size
Manufacturers
RSET
68k
5%
0402
any
RSET
75k
5%
0402
any
RSET
82k
5%
0402
any
RSET
91k
5%
0402
any
RSET
100k
5%
0402
any
RSET
110k
5%
0402
any
RSET
120k
5%
0402
any
RSET
130k
5%
0402
any
RSET
140k
5%
0402
any
RSET
150k
5%
0402
any
RSENSE
0.22
5%
0603
Panasonic or Vishay
RSENSE
0.27
5%
0603
Panasonic or Vishay
RSENSE
0.33
5%
0603
Panasonic or Vishay
RSENSE
0.39
5%
0603
Panasonic or Vishay
RSENSE
0.47
5%
0603
Panasonic or Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com