Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6685 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6685 Datasheet HTML 1Page - Sipex Corporation SP6685 Datasheet HTML 2Page - Sipex Corporation SP6685 Datasheet HTML 3Page - Sipex Corporation SP6685 Datasheet HTML 4Page - Sipex Corporation SP6685 Datasheet HTML 5Page - Sipex Corporation SP6685 Datasheet HTML 6Page - Sipex Corporation SP6685 Datasheet HTML 7Page - Sipex Corporation SP6685 Datasheet HTML 8Page - Sipex Corporation SP6685 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Date: 7/6/06 Rev B
SP6685, 700mA Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1VIN
Input Voltage for the charge pump. Decouple with 4.7μF ceramic
capacitor close to the pins of the IC.
2
C1
Positive input for the external fly capacitor. Connect a ceramic 1μF
capacitor close to the pins of the IC.
3
C2
Negative input for the external fly capacitor. Connect a ceramic 1μF
capacitor close to the pins of the IC.
4
FLASH
Logic input to toggle operation between FLASH and TORCH mode.
In TORCH mode FB is regulated to the internal 50mV reference. In
FLASH mode FB reference voltage can be adjusted by changing the
resistor from RSET pin to ground. Choose the external current sense
resistor (RSENSE) based on desired current in TORCH mode.
5
EN
Shutdown control input. Connect to VIN for normal operation, connect
to ground for shutdown.
6RSET
Connect a resistor from this pin to ground. When in FLASH mode
(FLASH = High) this resistor sets the current regulation point
according to the following: VFB = (1.26V/ RSET)*11.2KΩ.
7
FB
Feedback input for the current control loop. Connect directly to the
current sense resistor.
8SGND
Internal ground pin. Control circuitry returns current to this pin.
9PGND
Power ground pin. Fly capacitor current returns through this pin.
10
VOUT
Charge Pump Output Voltage. Decouple with an external capacitor.
At least 1μF is recommended. Higher capacitor values reduce output
ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com