Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6685 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6685 Datasheet HTML 1Page - Sipex Corporation SP6685 Datasheet HTML 2Page - Sipex Corporation SP6685 Datasheet HTML 3Page - Sipex Corporation SP6685 Datasheet HTML 4Page - Sipex Corporation SP6685 Datasheet HTML 5Page - Sipex Corporation SP6685 Datasheet HTML 6Page - Sipex Corporation SP6685 Datasheet HTML 7Page - Sipex Corporation SP6685 Datasheet HTML 8Page - Sipex Corporation SP6685 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Date: 7/6/06 Rev B
SP6685, 700mA Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
SP6685
DESCRIPTION
The SP6685 is a current-regulated charge pump ideal for powering high brightness LEDs for
camera flash applications. The charge pump can be set to regulate two current levels for
FLASH and TORCH modes. The SP6685 automatically switches modes between step-up
and step-down ensuring that LED current does not depend on the forward voltage. A low
current sense reference voltage (50mV) allows the use of small 0603 current sensing
resistors. The SP6685 is offered in the 10-pin DFN package.
TYPICAL APPLICATION CIRCUIT
FEATURES
■ Output Current up to 700mA
■ Up to 94% Efficiency in Torch Mode
■ Adjustable FLASH Mode Current
■ Minimum External Components: No Inductors
■ Automatic Buck/Boost Mode Switchover
■ Wide VIN Range: 2.7V to 5.5V
■ High Frequency Operation: 2.4 MHz
■ Low 50mV Reference for low Loss Sensing
■ IQ < 1μA in Shutdown
■ PWM Dimming Control
■ Automatic Soft Start Limits Inrush Current
■ Overvoltage Protection on Output
■ Overcurrent/Temperature Protection
■ Low Ripple and EMI
■ Ultra-low Dropout Voltage in Buck Mode
■ Space Saving 10-pin 3mm x 3mm DFN Package
APPLICATIONS
■ White LED Torch/Flash for Cell
Phones, DSCs, and Camcorders
■ White LED Backlighting
■ Generic Lighting/Flash/Strobe
Applications
■ General Purpose High Current Boost
700mA Buck/Boost Charge Pump LED Driver
Now Available in Lead Free Packaging
SP6685
®
ENABLE
TORCH/FLASH
C1
C2
FLASH
FB
PGND
SGND
RSET
VOUT
VIN
4.7μF
(2.7 - 5.5V)
1μF
1μF
EN
RSENSE
RSET
CIN
COUT
CFC
VIN
WLED
88KΩ
0.22Ω
O
SP6685
10 Pin DFN
10
9
8
7
6
VOUT
PGND
SGND
FB
RSET
1
2
3
4
5
VIN
C1
C2
FLASH
EN


Similar Part No. - SP6685

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6685EB SIPEX-SP6685EB Datasheet
187Kb / 4P
Evaluation Board Manual
SP6685ER SIPEX-SP6685ER Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
SP6685ER SIPEX-SP6685ER Datasheet
187Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP6685

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com