Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7652ER Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7652ER
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652ER Datasheet(HTML) 1 Page - Sipex Corporation

  SP7652ER Datasheet HTML 1Page - Sipex Corporation SP7652ER Datasheet HTML 2Page - Sipex Corporation SP7652ER Datasheet HTML 3Page - Sipex Corporation SP7652ER Datasheet HTML 4Page - Sipex Corporation SP7652ER Datasheet HTML 5Page - Sipex Corporation SP7652ER Datasheet HTML 6Page - Sipex Corporation SP7652ER Datasheet HTML 7Page - Sipex Corporation SP7652ER Datasheet HTML 8Page - Sipex Corporation SP7652ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

Rev F: /0/06
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
FEATURES
• 2.5V to 28V Dual Input Stepdown
• Output Voltage down to 0.8V
• 6A Output Capability
• Built-in Low RDSON Power FETs (15mΩ typ.)
• Highly Integrated Design, Minimal Components
• 600kHz Fixed-frequency Operation
• UVLO Detects Both Vcc and Vin
• Over Temperature Protection
• Short Circuit Protection with Auto-Restart
• Wide Bandwith Amp Allows Type II or III Compensation
• Programmable Soft Start
• Fast Transient Response
• High Efficiency: Greater than 92% Possible
• Asynchronous Start-Up into a Pre-Charged Output
• Small 7mm x 4mm DFN Package
• U.S. Patent #6,922,041
The SP7652 is a synchronous step-down switching regulator optimized for high efficiency. The part is designed to
be especially attractive for dual supply, 2V step down with 5V used to power the controller. This lower Vcc voltage
minimizes power dissipation in the part. The SP7652 is designed to provide a fully integrated buck regulator solu-
tion using a fixed 600kHz frequency, PWM voltage mode architecture. Protection features include UVLO, thermal
shutdown and output short circuit protection. The SP7652 is available in the space saving DFN package
.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
TOP VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect toVIN
PGND
PGND
GND
VFB
COMP
UVIN
GND
SS
VIN
LX
LX
LX
LX
VCC
GND
GND
GND
BST
NC
LX
LX
LX
DFN PACKAGE
7mm x 4mm
SP7652
PGND
VIN
VIN
VIN
Ceramic
X5R 6.3V
5V VCC
2. RSET = 54.48 / (Vout - 0.8V) (kOhm)
RSET
(note 2)
uF
.5uH, Irate=8A
C
22uF
CVCC
uF
U
SP7652
PGND

PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
0
VIN

VIN
2
VIN
3
LX
4
LX
5
LX
6
NC
7
BST
8
GND
19
GND
20
GND
2
VCC
22
LX
23
LX
24
LX
25
LX
26
CSS
22nF
22pF
3.3V
0-6A
2.5k
Ω,1%
GND
47uF
Notes:
5V - 20V
VIN
SD0AWS
. U Bottom-Side Layout should have
three contacts isolated from one
another: VIN, SWNODE, and GND
VOUT
5.K
Ω
00pF
nF
68.k
Ω,1%
2K
Ω
CF
00pF
5.
Ω
ENABLE
SP7652
Wide Input Voltage Range 6A,
600kHz, Buck Regulator
Notes:
. U bottom-side layout should have
three contacts isolated from one another:
Vin, SWnODE, and GND
2. RSEt= 54.48 (VOut- 0.8V)(kOhmss)


Similar Part No. - SP7652ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7652ER-L/TR SIPEX-SP7652ER-L/TR Datasheet
133Kb / 13P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7652ER/TR SIPEX-SP7652ER/TR Datasheet
133Kb / 13P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
More results

Similar Description - SP7652ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7652 SIPEX-SP7652 Datasheet
133Kb / 13P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7661 SIPEX-SP7661 Datasheet
1,004Kb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7663 SIPEX-SP7663_07 Datasheet
1Mb / 19P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
logo
International Rectifier
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com