Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7652ER Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7652ER
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652ER Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7652ER Datasheet HTML 7Page - Sipex Corporation SP7652ER Datasheet HTML 8Page - Sipex Corporation SP7652ER Datasheet HTML 9Page - Sipex Corporation SP7652ER Datasheet HTML 10Page - Sipex Corporation SP7652ER Datasheet HTML 11Page - Sipex Corporation SP7652ER Datasheet HTML 12Page - Sipex Corporation SP7652ER Datasheet HTML 13Page - Sipex Corporation SP7652ER Datasheet HTML 14Page - Sipex Corporation SP7652ER Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image

Rev F: /0/06
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
SP765X Thermal Resistance
The SP765X family has been tested with a
variety of footprint layouts along with differ-
ent copper area and thermal resistance has
been measured. The layouts were done on
4 layer FR4 PCB with the top and bottom
layers using 3oz copper and the power and
ground layers using oz copper.
For the Minimum footprint, only about 0.
square inch (of 3 ounces of) Copper was
used on the top or footprint layer, and this
layer had no vias to connect to the 3 other
layers. For the Medium footprint, about 0.7
square inches (of 3 ounces of) Copper was
used on the top layer, but vias were used
to connect to the other 3 layers. For the
Maximum footprint, about .0 square inch
(of 3 ounces of) Copper was used on the top
layer and many vias were used to connect
to the 3 other layers.
The results show that only about 0.7 square
inches (of 3 ounces of) Copper on the top
layer and vias connecting to the 3 other
layers are needed to get the best thermal
resistance of 36°C/W. Adding area on the
top beyond the 0.7 square inches did not
reduce thermal resistance.
Using a minimum of 0. square inches of
(3 ounces of) Copper on the top layer with
no vias connecting to the 3 other layers
produced a thermal resistance of 44°C/W.
This thermal impedance is only 22% higher
than the medium and large footprint layouts,
indicating that space constrained designs
canstillbenefitthermallyfromthePowerblox
family of ICs. This indicates that a minimum
footprintof0.squareinch,ifusedona4layer
board, can produce 44°C/W thermal resis-
tance. This approach is still very worthwhile
if used in a space constrained design.
The following page shows the footprint
layouts from an ORCAD file. The thermal
data was taken for still air, not with forced
air. If forced air is used, some improvement
in thermal resistance would be seen.
SP765X Thermal Resistance
4 Layer Board:
Top Layer 3ounces Copper
GND Layer 1ounce Copper
Power Layer ounce Copper
Bottom Layer 3ounces Copper
Minimum Footprint: 44°C/W
Top Layer: 0. square inch
No Vias to other 3 Layers
Medium Footprint: 36°C/W
Top Layer: 0.7 square inch
Vias to other 3 Layers
Maximum Footprint: 36°C/W
Top Layer: .0 square inch
Vias to other 3 Layers
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com