Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7652ER Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7652ER
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652ER Datasheet(HTML) 3 Page - Sipex Corporation

  SP7652ER Datasheet HTML 1Page - Sipex Corporation SP7652ER Datasheet HTML 2Page - Sipex Corporation SP7652ER Datasheet HTML 3Page - Sipex Corporation SP7652ER Datasheet HTML 4Page - Sipex Corporation SP7652ER Datasheet HTML 5Page - Sipex Corporation SP7652ER Datasheet HTML 6Page - Sipex Corporation SP7652ER Datasheet HTML 7Page - Sipex Corporation SP7652ER Datasheet HTML 8Page - Sipex Corporation SP7652ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Rev F: /0/06
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: -40°C < Tamb < 85°C, -40°C<Tj<125°C, 4.5V < Vcc < 5.5V, 3V<Vin<28V, BST=LX + 5V, LX=GND
=0.0V, UVIN = 3.0V, CVcc=µF, CcOmp=0.µF, CSS=50nF, Typical measured at Vcc=5V.
The • denotes the specifications which apply over the full temperature range, unless otherwise specified.
PARAMETER
MIN. TYP. MAX.
UNITS
CONDITIONS
CONTROL LOOP: PWM COMPARATOR, RAMP & LOOP DELAY PATH
Ramp Amplitude
0.92
.
.28
V
RAMP Offset
.
V
Ta = 25°C, RAMP
COMP
until GH starts Switching
RAMP Offset Temp. Coefficient
-2
mV/°C
GH Minimum Pulsewidth
90
80
ns
•
Maximum Controllable Duty Ratio
92
97
%
Maximum Duty Ratio
Measured just before
pulsing begins
Maximum Duty Ratio
00
%
Valid for 20 cycles
Internal Oscillator Ratio
420
600
720
kHz
•
TIMERS: SOFT START
SS Charge Current:
0
µA
SS Discharge Current:

mA
•
Fault Present, SS =
0.2V
PROTECTION: Short Circuit & Thermal
Short Circuit Threshold Voltage
0.2
0.25
0.3
V
•
Measured VREf (0.8V)
— Vfb
Hiccup Timeout
200
ms
Vfb = 0.5V
Number of Allowable Clock Cycles
at 100% Duty Cycle
20
Cycles
Minimum GL Pulse After 20 Cycles
0.5
Cycles
Vfb = 0.7V
Thermal Shutdown Temperature
45
°C
Vfb = 0.7V
Thermal Recovery Temperature
35
°C
Thermal Hysteresis
0
°C
OUTPUT: POWER STAGE
High Side RDSOn
5
mΩ
Vcc = 5V ; IOut= 6A
Tamb = 25°C
Synchronous FET RDSOn
5
mΩ
Vcc = 5V ; IOut= 6A
Tamb = 25°C
Maximum Output Current
6
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com