Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7661 Datasheet HTML 4Page - Sipex Corporation SP7661 Datasheet HTML 5Page - Sipex Corporation SP7661 Datasheet HTML 6Page - Sipex Corporation SP7661 Datasheet HTML 7Page - Sipex Corporation SP7661 Datasheet HTML 8Page - Sipex Corporation SP7661 Datasheet HTML 9Page - Sipex Corporation SP7661 Datasheet HTML 10Page - Sipex Corporation SP7661 Datasheet HTML 11Page - Sipex Corporation SP7661 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
SolvingforR9weget:
R9=[60mV•(R3+R4)]
[(IMAx •DCR)–60mV]
Asanexample:ifdesiredIMAxis17A,then
R9=63.4KΩ.
R9
63.4KΩ
CSP
6.8nF
SWN
ISP
ISN
SP7661
CS
0.1uF
R4
5.11KΩ
R3
5.11KΩ
L=2.7uH,DCR=4.1mΩ
VOUT
Over-current detection circuit for
Imax > 60mV / DCR
Decreasing the Current Limit
IfitisrequiredtosetIMAx<{60mV/DCR, a
resistorisaddedasshowninthefollowing
figure.R8increasesthenetvoltagedetected
bythecurrent-sensecomparator.Voltageat
thepositiveandnegativeterminalofcom-
paratorisgivenby:
VSP = VOut+(IMAx •DCR)
VSN = VOut
{R8/(R4+R8)}
Sincethecomparatoristriggeredat60mV:
VSP-VSN=60mV
Combiningtheaboveequationsandsolv-
ingforR8:
R8=
R4 •
[VOut-60mV+(IMAX• DCR)]
60mV-(IMAX •DCR)
Asanexample:forIMAxof4AandVOutof3.3V,
calculatedR8is381kΩ.
CSP
6.8nF
ISN
SP7661
SWN
ISP
CS
0.1uF
R4
5.11KΩ
R3
5.11KΩ
VOUT
L=2.7uH,DCR=4.1mΩ
R8
1.5MΩ
Over-current detection circuit for
Imax < {60mV / DCR}
Handling of Faults
Uponthedetectionofpower(UVLO),ther-
mal,orshort-circuitfaults,theSP7661is
forcedintoanidlestatewheretheSSand
COMPpinsarepulledlowandbothswitches
areheldoff.IntheeventofUVLOfault,the
SP7661remainsinthisidlestateuntilthe
UVLOfaultisremoved.Uponthedetection
ofathermalorshort-circuitfault,aninternal
100mstimerisactivated.Intheeventofa
short-circuitfault,arestartisattemptedim-
mediatelyafterthe100mstimeoutexpires.
Whereas,whenathermalfaultisdetected
the100msdelaycontinuouslyrecyclesanda
restartcannotbeattempteduntilthethermal
faultisremovedandthetimerexpires.
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com