Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7661 Datasheet HTML 1Page - Sipex Corporation SP7661 Datasheet HTML 2Page - Sipex Corporation SP7661 Datasheet HTML 3Page - Sipex Corporation SP7661 Datasheet HTML 4Page - Sipex Corporation SP7661 Datasheet HTML 5Page - Sipex Corporation SP7661 Datasheet HTML 6Page - Sipex Corporation SP7661 Datasheet HTML 7Page - Sipex Corporation SP7661 Datasheet HTML 8Page - Sipex Corporation SP7661 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
ELECTRICAL SPECIFICATIONS
SpecificationsareforTAMB =TJ =25°C,andthosedenotedby♦applyoverthefulloperatingrange,-40°C<Tj<125°C.Unless
otherwisespecified:4.5V<Vcc<5.5V,3V<ViN<22V,BST=LX+5V,UVIN=3V,CVCC=1µF,CCOMP=0.1µF,Css=50nF.
PARAMETER
MIN TYP MAX UNITS
CONDITIONS
CONTROL LOOP: PWM COMPARATOR, RAMP & LOOP DELAY PATH
RampAmplitude
0.80 1.00
1.20
V
RAMPOffset
1.7
2.0
2.3
V
RampoffsetTemperature
Coefficient
-2
mV/
°C
GHMinimumPulseWidth
150
180
ns
MaximumControllable
DutyRatio
92
97
%
MaximumDutyRatio
00
%
Validfor20cycles
InternalOscillatorRatio
510
600
690
kHZ
TIMERS: SOFTSTART
SSChargeCurrent:
-6
-0
-4.0
µA
SSDischargeCurrent:
1.0
2.0
3.0
mA
FaultPresent,
SS=0.2V
PROTECTION: SHORT CIRCUIT, OVERCURRENT & THERMAL
ShortCircuitThreshold
Voltage
0.2
0.25
0.3
V
HiccupTimeout
90
0
30
ms
VfB=0.5V
OvercurrentThreshold
Voltage
54
60
66
mV
MeasuredISP-ISN
ISP,ISNCommonMode
Range
0
3.6
V
ThermalShutdown
Temperature
135
145
155
°C
Guaranteedbydesign
ThermalRecovery
Temperature
135
°C
ThermalHysteresis
0
°C
OUTPUT: POWER STAGE
HighSideSwitchRDSON
35
75
mΩ
VGS=4.5V;
IDrAiN=4.1A;
TAMB=25°C
SynchronousLowSide
SwitchRDSON
35
75
mΩ
VGS=4.5V;
IDrAiN=4.1A;
TAMB=25°C
MaximumOutput
Current
3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com