Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7661 Datasheet HTML 7Page - Sipex Corporation SP7661 Datasheet HTML 8Page - Sipex Corporation SP7661 Datasheet HTML 9Page - Sipex Corporation SP7661 Datasheet HTML 10Page - Sipex Corporation SP7661 Datasheet HTML 11Page - Sipex Corporation SP7661 Datasheet HTML 12Page - Sipex Corporation SP7661 Datasheet HTML 13Page - Sipex Corporation SP7661 Datasheet HTML 14Page - Sipex Corporation SP7661 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image

Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
APPLICATIONS INFORMATION
Output Capacitor Selection
TherequiredESR(EquivalentSeriesRe-
sistance)andcapacitancedrivetheselec-
tionofthetypeandquantityoftheoutput
capacitors.TheESRmustbesmallenough
thatboththeresistivevoltagedeviationdue
toastepchangeintheloadcurrentand
the output ripple voltage do not exceed
thetolerancelimitsexpectedontheoutput
voltage. During an output load transient,
theoutputcapacitormustsupplyallthead-
ditionalcurrentdemandedbytheloaduntil
theSP7661adjuststheinductorcurrentto
thenewvalue.
InordertomaintainVOut,thecapacitance
must be large enough so that the output
voltageisheldupwhiletheinductorcur-
rent ramps to the value corresponding
to the new load current.Additionally, the
ESRintheoutputcapacitorcausesastep
intheoutputvoltageequaltothecurrent.
Becauseofthefasttransientresponseand
inherent100%to0%dutycyclecapability
providedbytheSP7661whenexposedto
outputloadtransients,theoutputcapacitor
istypicallychosenforESR,notforcapaci-
tancevalue.
TheESRoftheoutputcapacitor,combined
withtheinductorripplecurrent,istypically
themaincontributortooutputvoltageripple.
ThemaximumallowableESRrequiredto
maintainaspecifiedoutputvoltageripplecan
becalculatedby:
ReSr ≤ ∆VOut
IPk-Pk
where:
∆VOut = Peak-to-Peak Output Voltage Ripple
IPk-Pk = Peak-to-Peak Inductor Ripple Current
Thetotaloutputrippleisacombinationof
theESRandtheoutputcapacitancevalue
andcanbecalculatedasfollows:
∆VOut =
(IPP•(1–D))2+(IPP•ReSr)2
ƒs•COut
ƒs=SwitchingFrequency
D=DutyCycle
COut = Output Capacitance Value
Input Capacitor Selection
Theinputcapacitorshouldbeselectedfor
ripple current rating, capacitance and volt-
agerating.Theinputcapacitormustmeet
theripplecurrentrequirementimposed
bytheswitchingcurrent.Incontinuous
conductionmode,thesourcecurrentof
thehigh-sideMOSFETisapproximatelya
squarewaveofdutycycleVOut/ViN.More
accurately,thecurrentwaveformistrap-
ezoidal,givenafiniteturn-onandturn-off,
switchtransitionslope.Mostofthiscurrent
issuppliedbytheinputbypasscapaci-
tors.TheRMScurrenthandlingcapability
oftheinputcapacitorsisdeterminedat
maximumoutputcurrentandunderthe
assumptionthatthepeak-to-peakinductor
ripplecurrentislow,itisgivenby:
ICiN(rMS) = IOut(MAx)
D(1 - D)
Theworstcaseoccurswhenthedutycycle
Dis50%andgivesanRMScurrentvalue
equaltoIOUT/2.Selectinputcapacitorswith
adequateripplecurrentratingtoensurereli-
ableoperation.
Thepowerdissipatedintheinputcapaci-
toris:
PCiN = I
2
CiN(rMS)
• reSr(CiN)
Thiscanbecomeasignificantpartofpower
lossesinaconverterandhurttheoverall
energy transfer efficiency. The input volt-
agerippleprimarilydependsontheinput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com