Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661ERL/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP7661ERL/TR
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661ERL/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP7661ERL/TR Datasheet HTML 8Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 9Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 10Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 11Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 12Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 13Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 14Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 15Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
2
Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
SP7661 Voltage Mode Control Loop with Loop Dynamic
(SRz2Cz2+1)(SR1Cz3+1)
(SRESRCOUT+1)
[S^2LC
OUT+S(RESR+RDC) COUT+1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
VREF
(Volts)
Notes:
R
ESR = Output Capacitor Equivalent Series Resistance.
R
DC = Output Inductor DC Resistance.
V
RAMP_PP = SP7662 Internal Ramp Amplitude Peak-to-Peak Voltage.
Condition:
Cz2>>Cp1&R1>>Rz3
OutputLoadResistance>>R
ESR & RDC
R2
VREF
(R1+R2)
or
VOUT
VFBK
(Volts)
TypeIIIVoltageLoop
Compensation
G
AMP (s) Gain Block
PWMStage
G
PWM Gain
Block
OutputStage
G
OUT (s) Gain
Block
VoltageFeedback
G
FBK Gain Block
capacitor ESR and capacitance. Ignoring
theinductorripplecurrent,theinputvoltage
ripplecanbedeterminedby:
∆ViN =
IOut(MAx)•reSr(CiN) + IOut(MAx)•VOut•(ViN - VOut)
V2iN • ƒs•CiN
Thecapacitortypesuitablefortheoutput
capacitorscanalsobeusedfortheinput
capacitors.However,exerciseextracaution
whentantalumcapacitorsareused.Tantalum
capacitorsareknownforcatastrophicfailure
whenexposedtosurgecurrent,andinput
capacitorsarepronetosuchsurgecurrent
whenpowersuppliesareconnected“live”
tolowimpedancepowersources.Although
tantalumcapacitorshavebeensuccessfully
employed at the input, it is generally not
recommended.
Loop Compensation Design
Theopenloopgainofthewholesystemcan
bedividedintothegainoftheerrorampli-
fier,PWMmodulator,buckconverteroutput
stage,andfeedbackresistordivider.Inorder
tocrossoveratthedesiredfrequencycut-off
(FCO),thegainoftheerroramplifiermust
compensatefortheattenuationcausedby
therestoftheloopatthisfrequency.The
goal of loop compensation is to manipu-
lateloopfrequencyresponsesuchthatits
crossovergainat0db,resultsinaslopeof
-20db/decade.
The first step of compensation design is
topicktheloopcrossoverfrequency.High
crossover frequency is desirable for fast
transientresponse,butoftenjeopardizesthe
powersupplystability.Crossoverfrequency
should be higher than the ESR zero but
lessthan1/5oftheswitchingfrequencyor
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com