Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661ERL/TR Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP7661ERL/TR
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661ERL/TR Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP7661ERL/TR Datasheet HTML 10Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 11Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 12Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 13Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 14Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 15Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 16Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 17Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
APPLICATIONS INFORMATION
Evaluation Board Schematic
Parts shown for 9.6V-22V input, 3.3V Output
12V (9.6V-22V)
SD101AWS
3.30V, 0-3A
1
1
PGND
1
PGND
2
PGND
3
PGND
4
GND
5
VFB
6
COMP
7
SS
8
GND
9
ISN
10
ISP
11
SWN
12
VIN
13
LX
14
LX
15
LX
16
BST
17
VIN
18
GND
19
GND
20
UVIN
21
VCC
22
LX
23
LX
24
LX
25
LX
26
1
1
LX
R6
NP
GND
2
C5
100uF
C7
NP
VOUT
3
U1
SP7661
Rs1
NP
CZ2
6800pF
C9
6.8nF
Rs2
1 Ohm
CP1
56pF
RBST
0 Ohm
C1
22uF
C3
NP
R7
NP
C8
NP
R1
10k
CBST
22nF
R8
NP
R11
0 Ohm
Cs1
NP
Cs2
2.2nF
C2
22uF
GND
4
CVCC
4.7uF
RZ3
400
R3
5.11K
R9
61.9k
DBST
RZ2
4.02k
L1,Wurth -744311220
2.2uH, 14 mOhm, 7x7mm, 9A
R2
3160
R12
NP
R14
NP
VIN
1
C6
NP
CSS
47nF
R4
5.11K
CZ3
1500pF
C4
47nF
CF1
100pF
ISP
ISN
ISN
LX
LX
ISP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com