Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661ERL/TR Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP7661ERL/TR
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661ERL/TR Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP7661ERL/TR Datasheet HTML 11Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 12Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 13Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 14Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 15Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 16Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 17Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 18Page - Sipex Corporation SP7661ERL/TR Datasheet HTML 19Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs. Load at 22VIN
40
50
60
70
80
90
00
0.5
1.0
1.5
2.0
2.5
3.0
Output Load (A)
Vout=5.0V
Vout=3.3V
Vout=2.5V
Vout=1.8V
Efficiency vs. Load at 5.0VIN
70
75
80
85
90
95
00
0.5
1.0
1.5
2.0
2.5
3.0
Output Load (A)
Vout=3.3V
Vout=2.5V
Vout=1.8V
Vout=1.5V
Vout=1.2V
Vout=0.8V
Efficiency vs. Load at 3.3VIN
70
75
80
85
90
95
00


2
2
3
3
Output Load (A)
Vout=2.5V
Vout=1.8V
Vout=1.5V
Vout=1.2V
Vout=0.8V
Efficiency vs Load at 12VIN
40
50
60
70
80
90
00
0.5
1.0
1.5
2.0
2.5
3.0
Output Load (A)
Vout=5.0V
Vout=3.3V
Vout=2.5V
Vout=1.8V
Vout=1.5V
Vout=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com