Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7662 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7662
Description  Wide Input Voltage Range 12A, 300kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7662_07 Datasheet HTML 1Page - Sipex Corporation SP7662_07 Datasheet HTML 2Page - Sipex Corporation SP7662_07 Datasheet HTML 3Page - Sipex Corporation SP7662_07 Datasheet HTML 4Page - Sipex Corporation SP7662_07 Datasheet HTML 5Page - Sipex Corporation SP7662_07 Datasheet HTML 6Page - Sipex Corporation SP7662_07 Datasheet HTML 7Page - Sipex Corporation SP7662_07 Datasheet HTML 8Page - Sipex Corporation SP7662_07 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image

Mar -07 Rev AJ
SP7662 Wide Input Voltage Range 2A, 300kHz Buck Regulator
© 2007 Sipex Corporation
SP7662
FEATURES
4.75V to 22V Input Voltage Range using Single Supply
3V to 22V Input Voltage Range using Dual Supply
±% 0.8V Reference
2A Output Capability
Current Limiting using Inductor DCR
Built in Low RDS(ON) Power Switches
300 kHz Fixed Frequency Operation
Over Temperature Protection
Short Circuit Protection with Auto-Restart
Wide BW Amp Allows Type II or III Compensation
Programmable Soft Start
Fast Transient Response
HighEfficiency:Greaterthan
95% Possible
Nonsynchronous Start-Up into a Pre-Charged Output
AvailableinRoHSCompliant,LeadFreePackaging:
Small 7mm x 4mm DFN
U.S. Patent #6,922,04
Wide Input Voltage Range
12A, 300kHz, Buck Regulator
TheSP7662isasynchronousstep-downswitchingregulatoroptimizedforhighefficiency.Thepartisdesigned
for use with a single 4.75V to 22V single supply or 3V to 22V input if an external Vcc is provided. The SP7662 pro-
videsafullyintegratedbuckregulatorsolutionusingafixed300kHzfrequency,PWMvoltagemodearchitecture.
Protection features include UVLO, thermal shutdown, output current limit and short circuit protection. The SP7662
is available in the space saving DFN package
.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
PowerBloxTM
SP7662
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VINP
PGND
PGND
GND
VFB
COMP
UVIN
SWN
VIN
LX
LX
LX
LX
VCC
BST
LX
LX
LX
DFN PACKAGE
7mm x 4mm (Option 2)
PGND
VINP
SS
ISN
ISP
PGND
GND
GND
GND
Pin 27
Pin 28
Pin 29
5
5
4
4
3
3
2
2


D
D
C
C
B
B
A
A
ISP
ISN
ISN
LX
LX
ISP
NC
VFB
VFB
LX
SD0AWS
3.30V, 0-12A
12Vin (9.6V - 16V)
GND
2

C5
00uF
VOUT
3

U
SP7662
PGND

PGND
2
PGND
3
PGND
4
GND
5
VFB
6
COMP
7
SS
8
GND
9
ISN
0
ISP

SWN
2
VIN
3
LX
4
LX
5
LX
6
BST
7
VIN 8
GND 9
GND 20
UVIN 2
VCC 22
LX
23
LX
24
LX
25
LX
26
CZ2
0nF
Rs
 Ohm
Rs2
 Ohm
C9 6.8nF
CP 00pF
RBST
5.
C
22uF
C3
22uF
R
0k
CBST
22nF
Cs
2.2nF
Cs2
2.2nF
C2
22uF
CVCC
4.7uF
GND
4

RZ3
453
R3
5.k
DBST
R9
6.9k
RZ2
4.02k
L, SC508-2R7M
2.7uH, 4. mOhm
R2
3.6k
VIN


C6
00uF
CSS 47nF
R4
5.k
CZ3
2200pF
C4
0.uF
CF
00pF


Similar Part No. - SP7662_07

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7662EB SIPEX-SP7662EB Datasheet
545Kb / 11P
Evaluation Board Manual
SP7662ER SIPEX-SP7662ER Datasheet
545Kb / 11P
Evaluation Board Manual
SP7662ER-L/TR SIPEX-SP7662ER-L/TR Datasheet
1Mb / 19P
Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7662ER/TR SIPEX-SP7662ER/TR Datasheet
1Mb / 19P
Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
More results

Similar Description - SP7662_07

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7650 SIPEX-SP7650 Datasheet
121Kb / 12P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7662 SIPEX-SP7662 Datasheet
1Mb / 19P
Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7655 SIPEX-SP7655_07 Datasheet
1Mb / 16P
Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
logo
International Rectifier
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MPBF IRF-IR3876MPBF Datasheet
1Mb / 21P
12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com