Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7662 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP7662
Description  Wide Input Voltage Range 12A, 300kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP7662_07 Datasheet HTML 10Page - Sipex Corporation SP7662_07 Datasheet HTML 11Page - Sipex Corporation SP7662_07 Datasheet HTML 12Page - Sipex Corporation SP7662_07 Datasheet HTML 13Page - Sipex Corporation SP7662_07 Datasheet HTML 14Page - Sipex Corporation SP7662_07 Datasheet HTML 15Page - Sipex Corporation SP7662_07 Datasheet HTML 16Page - Sipex Corporation SP7662_07 Datasheet HTML 17Page - Sipex Corporation SP7662_07 Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
4
Mar -07 Rev AJ
SP7662 Wide Input Voltage Range 2A, 300kHz Buck Regulator
© 2007 Sipex Corporation
APPLICATIONS INFORMATION
5-22Vin
SD101AWS
3.30V, 0-12A
NP
R6
NP
GND
C7
NP
C5
100uF
VOUT
U1
SP7662
CZ2
22nF
Rs1
1 Ω
Rs2
1 Ω
C9 6.8nF
CP1 100pF
D1
RBST
C3
22uF
C1
22uF
R7
NP
C8
NP
R1
10kΩ,1%
R8 NP
CBST
22nF
R11
10Ω,1%
Cs1
2.2nF
Cs2
2.2nF
C2
22uF
CVCC
4.7uF
GND
RZ3
499Ω,1%
R3
5.11KΩ
DBST
R9
60kΩ
RZ2
2KΩ,1%
R2
3.2kΩ,1%
2.7uH, 4.1 mΩ
R12
0 Ohms
VIN
C6
100uF
CSS
47nF
R4
5.11KΩ
CZ3
2200pF
C4
0.1uF
CF1
100pF
ISP
ISN
ISN
LX
LX
ISP
0 Ohms
PGND
1
PGND
2
PGND
3
PGND
4
GND
5
VFB
6
COMP
7
SS
8
GND
9
ISN
10
ISP
11
SWN
12
VINP
13
LX
14
LX
15
LX
16
BST
17
VIN
18
GND
19
GND
20
UVIN
21
VCC
22
LX
23
LX
24
LX
25
LX
26
Evaluation Board Schematic
Parts shown for 5V-22V input, 3.3V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com