Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7662 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7662
Description  Wide Input Voltage Range 12A, 300kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7662_07 Datasheet HTML 1Page - Sipex Corporation SP7662_07 Datasheet HTML 2Page - Sipex Corporation SP7662_07 Datasheet HTML 3Page - Sipex Corporation SP7662_07 Datasheet HTML 4Page - Sipex Corporation SP7662_07 Datasheet HTML 5Page - Sipex Corporation SP7662_07 Datasheet HTML 6Page - Sipex Corporation SP7662_07 Datasheet HTML 7Page - Sipex Corporation SP7662_07 Datasheet HTML 8Page - Sipex Corporation SP7662_07 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Mar -07 Rev AJ
SP7662 Wide Input Voltage Range 2A, 300kHz Buck Regulator
© 2007 Sipex Corporation
CONTROLLER BLOCK DIAGRAM
FA ULT
0.1V
0.25V
S OFTS TA R T INP UT
135ºC O FF
145ºC ON
50K
140K
4.05 V OFF
4.25 V ON
FA ULT
R
FAULT
VC C
GND
C OMP A R A TOR
A S Y NC . S TAR TUP
1.6 V
SS
GL HOLD OFF
300 kHZ
C LK
C LOC K P ULS E GEN E R A TOR
Q
S
R E S E T
DOMINA NT
QP W M
S Y NCHR O NO US
DR IV E R
P GND
B S T
2.8 V
1.3 V
R AMP =1V
VP OS
T HE R MAL A ND O V E R C UR R E NT P R O T E CT IO N
UV LO CO MP AR AT O R S
VC C UV LO
HIC C UP FAULT
R E F OK
C OUNTE R
C LR
C LK
IS P
IS N
60 mV
OV E R C UR R E NT
DE TE C TION
DE TE C TION
V FB INT
S HOR TC IR C UIT
200ms D elay
Q
DOMINA NT
R
S
S E T
S HUTDOW N
THE R MA L
V IN
R E F OK
C OR E
0.8V
UV IN
VIN UV LO
2.50 V ON
2.20 V O FF
R E GULA TOR
LINE A R
5V
R E FE R E NC E
PO W E R
FA ULT
V C C
P OS R E F
FAULT
V C C
S S
10 uA
VC C
V FB INT
V FB
GL
P W M LO O P
C OMP
VPOS
Gm
Gm ER R OR A MP LIFIE R
GH
S WN
Note: The SP7662 uses the Sipex PWM controller SP6133.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com