Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7680EB Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7680EB
Description  Complete Backlight Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7680EB Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7680EB Datasheet HTML 7Page - Sipex Corporation SP7680EB Datasheet HTML 8Page - Sipex Corporation SP7680EB Datasheet HTML 9Page - Sipex Corporation SP7680EB Datasheet HTML 10Page - Sipex Corporation SP7680EB Datasheet HTML 11Page - Sipex Corporation SP7680EB Datasheet HTML 12Page - Sipex Corporation SP7680EB Datasheet HTML 13Page - Sipex Corporation SP7680EB Datasheet HTML 14Page - Sipex Corporation SP7680EB Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
June 21-07 revH
SP7680: Complete Backlight Solution
2007 Sipex Corporation
Page 11
*When WZ=0 and WP=0 all registers are set to zero.
Bits B5, B4, B3, B2 and B1 are for read back only.
Bit B5 is held high whenever any kind of fault
condition exists on the SP7680. Bits B4, B3 and B2
indicate the specific fault condition, over-voltage
(B4=1), over-temp (B3=1) or undervoltage lockout
(B2=1). B1 communicates the state of the charge
pump, (B1=1 for 1.5x mode or B1=0 for 1x mode).
B0 of the STATUS register is used to select between
automatic charge pump mode selection and forced
charge pump mode selection. If B0 is low then the
charge pump mode (1X or 1.5X) is automatically
selected.
If B0 is high then the charge pump is
forced into either 1X mode or 1.5X mode depending
upon B0 of the CNTRL register.
Fault Conditions
For all three fault conditions:
Under Voltage Lockout
Over Temperature Detection
Over Voltage Protection
Upon entering any of these fault modes, the LED
drivers should turn off but the register contents
should remain unchanged with the exception of the
fault mode readback bits of the status register. The
WZ and WP bits of the status register should also
remain unchanged. The microprocessor should not
have to reset the SP7680 if it goes into fault mode.
The chip should continuously monitor its fault
indicators and when the fault condition is no longer
present, normal operation can resume.
CNTRL Register
In the CNTRL register B1, B2, B3 and B4 are used
to control the four MAIN LEDs, bits B5 and B6 are
used for the two SUB LEDs, and B7 is used for the
AUX LED.
To enable an individual LED the
corresponding bit is active high.
When B0 of the STATUS register is high, B0 of the
CNTRL register is used to force the charge pump
into 1X mode (CNTRL B0=low) or 1.5X mode
(CNTRL B0=high).
When B0 of the STATUS
register is low then CNTRL B0 is ignored.
WZ
WP
State
Iq
LED
drivers
0
0
Shutdown
and
reset
registers
to
00000000
0uA
Off
0
1
Shutdown - keep
register contents
0uA
Off
1
0
Standby
-
keep
register contents –
bandgap and other
analog
circuits
active, Vin shorted
to
Vout
through
internal switch
200uA
Off
1
1
Active
Active
Iq
On
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com