Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7680EB Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP7680EB
Description  Complete Backlight Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7680EB Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP7680EB Datasheet HTML 8Page - Sipex Corporation SP7680EB Datasheet HTML 9Page - Sipex Corporation SP7680EB Datasheet HTML 10Page - Sipex Corporation SP7680EB Datasheet HTML 11Page - Sipex Corporation SP7680EB Datasheet HTML 12Page - Sipex Corporation SP7680EB Datasheet HTML 13Page - Sipex Corporation SP7680EB Datasheet HTML 14Page - Sipex Corporation SP7680EB Datasheet HTML 15Page - Sipex Corporation SP7680EB Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
June 21-07 revH
SP7680: Complete Backlight Solution
2007 Sipex Corporation
Page 14
Ceramic Capacitor Materials
Capacitors with large output values are typically
composed of X7R, X5R, Z5U, or Y5V dielectric
materials,
but
Z5U
and
Y5V
are
not
recommended since they have a large change in
value
with
temperature.
X5R
and
X7R
capacitors are recommended since they are
relatively low in cost and their output value
changes with temperature are relatively small.
Capacitor Selection
Careful selection of the four external capacitors
CIN, C1, C2, and COUT is important because
they will affect turn-on time, output ripple, and
transient performance. Optimum performance
will be obtained when low equivalent series
resistance (ESR) ceramic capacitors are used.
In general, low ESR may be defined as less than
100m . A value of 2.2µF for the input and 1µF
for the output capacitor is sufficient for most
applications. The fly capacitors C1 and C2 can
be 0.47µF for most applications. For applications
with all 7 LED drivers used and driven to 20mA
or more, it is advisable to use a 2.2µF input
capacitor in order to reduce the input ripple as
seen by the battery. In very noise sensitive
applications, the input capacitor can even be
increased to 4.7µF. If the LED current-sinks are
only programmed for low current levels, or if the
application is not very noise sensitive, then a
1µF input capacitor may be used. See table 1 for
capacitor selection.
Thermal Protection
The SP7680 has a thermal protection circuit that
will shut down the internal LDO and charge
pump if the die temperature rises above the
thermal limit, and will restart when the die
temperature
drops
about
25°C
below
the
thermal limit.
Table 1: SP7680 Capacitor Selection
Manufacturers/ Website
Part Number
Capacitance/
Voltage
Capacitor
Size/Type/Thickness
ESR at
100kHz
TDK/www.tdk.com
C1005X5R0J474K
0.47uF/6.3V
0402/X5R/0.55mm
0.05
TDK/www.tdk.com
C1005X5R0J105K
1uF/6.3V
0402/X5R/0.55mm
0.03
TDK/www.tdk.com
C1608X5R0J225K
2.2uF/6.3V
0603/X5R/0.9mm
0.03
TDK/www.tdk.com
C1608X5R0J475K
4.7uF/6.3V
0603/X5R/0.9mm
0.02
Murata/www.murata.com
GRM155R60J474KE19
0.47uF/6.3V
0402/X5R/0.55mm
0.05
Murata/www.murata.com
GRM155R60J105KE19
1uF/6.3V
0402/X5R/0.55mm
0.03
Murata/www.murata.com
GRM185R60J225KE26
2.2uF/6.3V
0603/X5R/0.55mm
0.03
Murata/www.murata.com
GRM188R60J475KE19
4.7uF/6.3V
0603/X5R/0.8mm
0.02
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com