Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7680EB Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP7680EB
Description  Complete Backlight Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7680EB Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP7680EB Datasheet HTML 8Page - Sipex Corporation SP7680EB Datasheet HTML 9Page - Sipex Corporation SP7680EB Datasheet HTML 10Page - Sipex Corporation SP7680EB Datasheet HTML 11Page - Sipex Corporation SP7680EB Datasheet HTML 12Page - Sipex Corporation SP7680EB Datasheet HTML 13Page - Sipex Corporation SP7680EB Datasheet HTML 14Page - Sipex Corporation SP7680EB Datasheet HTML 15Page - Sipex Corporation SP7680EB Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
June 21-07 revH
SP7680: Complete Backlight Solution
2007 Sipex Corporation
Page 16
ORDERING INFORMATION
Part Number
Status
Min
Temp ºC
Max
Temp ºC
RoHS
Theta JA
ºC/W
MSL Level
Pack Type
Quantity Package
SP7680ER1-L
Active
-40
85
Yes
33.3
L3 @ 260ºC
Canister
Any
3x3 16 Pin
QFN
SP7680ER1-L/TR
Active
-40
85
Yes
33.3
L3 @ 260ºC
Tape & Reel
3000
3x3 16 Pin
QFN
SP7680EB
Active
-40
85
Board
Not Applicable to Eval Board
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA95035
tel: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or
circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Solved by
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com