Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5281ZP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA5281ZP
Description  Integrated Video input processor and Teletext decoder IVT1.8
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5281ZP Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA5281ZP Datasheet HTML 1Page - NXP Semiconductors SAA5281ZP Datasheet HTML 2Page - NXP Semiconductors SAA5281ZP Datasheet HTML 3Page - NXP Semiconductors SAA5281ZP Datasheet HTML 4Page - NXP Semiconductors SAA5281ZP Datasheet HTML 5Page - NXP Semiconductors SAA5281ZP Datasheet HTML 6Page - NXP Semiconductors SAA5281ZP Datasheet HTML 7Page - NXP Semiconductors SAA5281ZP Datasheet HTML 8Page - NXP Semiconductors SAA5281ZP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
1996 Nov 04
4
Philips Semiconductors
Preliminary specification
Integrated Video input processor and
Teletext decoder (IVT1.8*)
SAA5281
PINNING
SYMBOL
PIN
DESCRIPTION
SOT240-1 SOT247-1 SOT319-2
VDD1
1
52
11
+5 V supply 1
OSCOUT
2
1
13
27 MHz crystal oscillator output
OSCIN
3
2
14
27 MHz crystal oscillator input
OSCGND
4
3
15
0 V crystal oscillator ground
VSS1
5
4 and 5
16
0 V ground
REF+
6
6
18
positive reference voltage for ADC; this pin should be connected
to ground via a 100 nF capacitor
BLACK
7
8
19
video black level storage input/output; this pin should be
connected to ground via a 100 nF capacitor
CVBS
8
9
20
composite video input; a positive-going 1 V (peak-to-peak) input
is required, connected via a 100 nF capacitor
IREF
9
10
21
reference current input, connected to ground via a 27 k
Ω resistor
VDD2
10
11
22
+5 V supply 2
POL
11
12
23
STTV/LFB/FFB polarity selection input
STTV/LFB
12
13
24
sync to TV output line flyback input; function controlled by an
internal register bit (scan sync mode)
VCR/FFB
13
14
27
PLL time constant switch/field input; function controlled by an
internal register bit (scan sync mode)
VSS2
14
15
28
0 V ground; connected to VSS1 for normal operation
R
15
16
30
dot rate character output of the RED colour information
G
16
17
32
dot rate character output of the GREEN colour information
B
17
18
33
dot rate character output of the BLUE colour information
RGBREF
18
19
34
input DC voltage to define the output high level on the RGB pins
BLAN
19
20
35
dot rate fast blanking output
COR
20
21
36
programmable output to provide contrast reduction of the TV
picture for mixed text and picture displays or when viewing
newsflash/subtitle pages;
open-drain output
ODD/EVEN
(or DV)
21
22
37
in ODD/EVEN mode a 25 Hz output synchronized with the CVBS
input field sync pulses to produce a non-interlaced display by
adjustment of the vertical deflection currents; in DV mode a VPT
data valid signal is used to indicate reception of error-free VPS or
8/30 format 2 data
Y
22
23
38
dot rate character output of teletext foreground colour information;
open-drain output
SCL
23
24
39
serial clock input for I2C-bus; it can still be driven HIGH during
power-down of the device
SDA
24
25
40
serial data port for the I2C-bus, open-drain output; it can still be
driven HIGH during power-down of the device
VSS3
25
26
44
0 V ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com