Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5281ZP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA5281ZP
Description  Integrated Video input processor and Teletext decoder IVT1.8
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5281ZP Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA5281ZP Datasheet HTML 1Page - NXP Semiconductors SAA5281ZP Datasheet HTML 2Page - NXP Semiconductors SAA5281ZP Datasheet HTML 3Page - NXP Semiconductors SAA5281ZP Datasheet HTML 4Page - NXP Semiconductors SAA5281ZP Datasheet HTML 5Page - NXP Semiconductors SAA5281ZP Datasheet HTML 6Page - NXP Semiconductors SAA5281ZP Datasheet HTML 7Page - NXP Semiconductors SAA5281ZP Datasheet HTML 8Page - NXP Semiconductors SAA5281ZP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
1996 Nov 04
3
Philips Semiconductors
Preliminary specification
Integrated Video input processor and
Teletext decoder (IVT1.8*)
SAA5281
BLOCK DIAGRAM
Fig.1 Block diagram; pin numbers for DIP48 (SOT240-1).
handbook, full pagewidth
MBD783
ANALOG
REFERENCE
GENERATOR
ANALOG
TO
DIGITAL
CONVERTER
INPUT
CLAMP
AND SYNC
SEPARATOR
ANALOG
OUTPUT
BUFFER
27 MHz
CLOCK
GENERATOR
7
8
12
36
2
3
37
11
4
DISPLAY CLOCK
PHASE-LOCKED
LOOP
13
TELETEXT
OR
VPS CONTROL
DATA SLICER
AND CLOCK
REGENERATOR
14
25
5
TIMING
CHAIN
44
SERIAL-TO
-PARALLEL
CONVERTER
TELETEXT
AQUISITION
AND DECODING
VPS
ACQUISITION
AND
DECODING
INTERFACE
I C-BUS
2
23
24
24 TO 18
HAMMING
DECODER
PACKET 26
PROCESSING
ENGINE
21
POWER-ON
RESET
DRAM
REFRESH
AND
TIMING
8K x 8
DRAM
DISPLAY
22
19
20
18
15
16
17
110
VDD1
VDD2
Y
BLAN
COR
RGBREF
RG
B
ODD/EVEN
(or DV)
REF
IREF
6
9
VSS1
CVBS
BLACK
STTV/LFB
VSS2
VSS3
CLK EN
OSCOUT
OSCIN
OSCGND
CLK O/P
POL
VCR/FFB
LINE 23
SDA
SCL
SAA5281
MEMORY
INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com