Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5281ZP Datasheet(PDF) 42 Page - NXP Semiconductors

Part # SAA5281ZP
Description  Integrated Video input processor and Teletext decoder IVT1.8
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5281ZP Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button SAA5281ZP Datasheet HTML 38Page - NXP Semiconductors SAA5281ZP Datasheet HTML 39Page - NXP Semiconductors SAA5281ZP Datasheet HTML 40Page - NXP Semiconductors SAA5281ZP Datasheet HTML 41Page - NXP Semiconductors SAA5281ZP Datasheet HTML 42Page - NXP Semiconductors SAA5281ZP Datasheet HTML 43Page - NXP Semiconductors SAA5281ZP Datasheet HTML 44Page - NXP Semiconductors SAA5281ZP Datasheet HTML 45Page - NXP Semiconductors SAA5281ZP Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
1996 Nov 04
42
Philips Semiconductors
Preliminary specification
Integrated Video input processor and
Teletext decoder (IVT1.8*)
SAA5281
PACKAGE OUTLINES
UNIT
A
max.
1
2
b1
cD
E
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT240-1
92-11-17
95-01-25
A
min.
A
max.
b
Z
max.
w
M E
e 1
1.4
1.14
0.53
0.38
0.36
0.23
62.60
61.60
14.22
13.56
3.90
3.05
0.254
2.54
15.24
15.88
15.24
18.46
15.24
2.1
4.9
0.36
4.06
0.055
0.045
0.021
0.015
0.014
0.009
2.46
2.42
0.56
0.53
0.15
0.12
0.01
0.10
0.60
0.63
0.60
0.73
0.60
0.083
0.19
0.014
0.16
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
48
1
25
24
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
(1)
DIP48: plastic dual in-line package; 48 leads (600 mil)
SOT240-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com