Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5146 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5146
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5146 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5146 Datasheet HTML 7Page - RF Micro Devices RF5146 Datasheet HTML 8Page - RF Micro Devices RF5146 Datasheet HTML 9Page - RF Micro Devices RF5146 Datasheet HTML 10Page - RF Micro Devices RF5146 Datasheet HTML 11Page - RF Micro Devices RF5146 Datasheet HTML 12Page - RF Micro Devices RF5146 Datasheet HTML 13Page - RF Micro Devices RF5146 Datasheet HTML 14Page - RF Micro Devices RF5146 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
2-501
RF5146
Rev A1 050928
Evaluation Board Schematic
C2
22
μF
VBATT
C6
15 nF
VCC1
50
Ω μstrip
DCS/PCS IN
C4
DNP
50
Ω μstrip
DCS/PCS OUT
C12
DNP
C10
1 nF
50
Ω μstrip
GSM850/
GSM900 OUT
C9
4.7 nF
R3
100 k
Ω
R4
100 k
Ω
50
Ω μstrip
GSM850/
GSM900 IN
VRAMP
TX EN
R2
100 k
Ω
BAND SEL
C8
4.7 nF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
From
V
CC1
V
CC
C5
DNP
C13
47 pF
C11
470 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com