Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5146 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5146
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5146 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5146 Datasheet HTML 9Page - RF Micro Devices RF5146 Datasheet HTML 10Page - RF Micro Devices RF5146 Datasheet HTML 11Page - RF Micro Devices RF5146 Datasheet HTML 12Page - RF Micro Devices RF5146 Datasheet HTML 13Page - RF Micro Devices RF5146 Datasheet HTML 14Page - RF Micro Devices RF5146 Datasheet HTML 15Page - RF Micro Devices RF5146 Datasheet HTML 16Page - RF Micro Devices RF5146 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
2-503
RF5146
Rev A1 050928
Theory of Operation
Overview
The RF5146 is a quad-band GSM850, EGSM900, DCS1800, and PCS1900 power amplifier module that incorporates an
indirect closed loop method of power control. This simplifies the phone design by eliminating the need for the compli-
cated control loop design. The indirect closed loop appears as an open loop to the user and can be driven directly from
the DAC output in the baseband circuit.
Theory of Operation
The indirect closed loop is essentially a closed loop method of power control that is invisible to the user. Most power con-
trol systems in GSM sense either forward power or collector/drain current. The RF5146 does not use a power detector. A
high-speed control loop is incorporated to regulate the collector voltage of the amplifier while the stage are held at a con-
stant bias. The VRAMP signal is multiplied by a factor of 2.75 and the collector voltage for the second and third stages are
regulated to the multiplied VRAMP voltage. The basic circuit is shown in the following diagram.
By regulating the power, the stages are held in saturation across all power levels. As the required output power is
decreased from full power down to 0dBm, the collector voltage is also decreased. This regulation of output power is
demonstrated in Equation 1 where the relationship between collector voltage and output power is shown. Although load
impedance affects output power, supply fluctuations are the dominate mode of power variations. With the RF5146 regu-
lating collector voltage, the dominant mode of power fluctuations is eliminated.
(Eq. 1)
There are several key factors to consider in the implementation of a transmitter solution for a mobile phone. Some of
them are:
Current draw and system efficiency
Power variation due to Supply Voltage
Power variation due to frequency
Power variation due to temperature
Input impedance variation
Noise power
Loop stability
Loop bandwidth variations across power levels
Burst timing and transient spectrum trade offs
Harmonics
V
RAMP
3 dB BW
300 kHz
-
+
-
+
H(s)
V
BATT
Saturation
Detector
RF IN
RF OUT
TX ENABLE
P
dBm
10
2 V
CC
V
SAT
()
2
8 R
LOAD
10
3
⋅⋅
-------------------------------------------
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com