Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5146 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5146
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5146 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5146 Datasheet HTML 1Page - RF Micro Devices RF5146 Datasheet HTML 2Page - RF Micro Devices RF5146 Datasheet HTML 3Page - RF Micro Devices RF5146 Datasheet HTML 4Page - RF Micro Devices RF5146 Datasheet HTML 5Page - RF Micro Devices RF5146 Datasheet HTML 6Page - RF Micro Devices RF5146 Datasheet HTML 7Page - RF Micro Devices RF5146 Datasheet HTML 8Page - RF Micro Devices RF5146 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2-491
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
DCS/PCS IN
DCS/PCS OUT
BAND SELECT
TX ENABLE
VRAMP
VBATT
GSM IN
GSM OUT
VBATT
37
40
41
45
42
48
31
6
43
Fully Integrated
Power Control Circuit
RF5146
QUAD-BAND GSM850/GSM900/DCS/PCS
POWER AMP MODULE
• 3V Quad-Band GSM Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• GSM850/EGSM900/DCS/PCS Products
• GPRS Class 12 Compatible
• Power StarTM Module
The RF5146 is a high-power, high-efficiency power ampli-
fier module with integrated power control that provides
over 50dB of control range. The device is a self-contained
7mmx7mmx0.9mm lead frame module (LFM) with 50
Ω
input and output terminals. The device is designed for use
as the final RF amplifier in GSM850, EGSM900, DCS and
PCS handheld digital cellular equipment and other appli-
cations in the 824MHz to 849MHz, 880MHz to 915MHz,
1710MHz to 1785MHz and 1850MHz to 1910MHz
bands. With the integration of a VRAMP limiting circuit, the
RF5146 can regulate the VRAMP voltage to ensure mini-
mum switching transients. The VRAMP limiter function is
fully integrated into the CMOS controller and requires no
additional inputs from the user.
•VRAMP Limiter
• Complete Power Control Solution
• +35dBm GSM Output Power at 3.5V
• +33dBm DCS/PCS Output Power at 3.5V
• 60% GSM and 55% DCS/PCS EFF
• 7mmx7mmx0.9mm Package Size
RF5146
Quad-Band GSM850/GSM900/DCS/PCS Power
Amp Module
RF5146 SB
Power Amp Module 5-Piece Sample Pack
RF5146PCBA-41X Fully Assembled Evaluation Board
0
Rev A1 050928
Dimensions in mm.
Shaded lead is pin 1.
-B-
2 PLCS
0.10 C B
2 PLCS
0.10 C A
2 PLCS
0.10 C B
3.50 TYP
3.37 TYP
-A-
2 PLCS
0.10 C A
7.00 TYP
6.75 TYP
0.70
0.65
0.90
0.85
0.08 C
0.05
0.00
SEATING
PLANE
-C-
0.10
C AB
M
2.20
1.90
5.25
4.95
0.50
0.30
TYP
0.30
0.60
0.24
TYP
0.60
0.24
TYP
0.30
0.18
0.50
Package Style: LFM, 48-Pin, 7mm x7mmx0.9mm
RoHS Compliant & Pb-Free Product


Similar Part No. - RF5146

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5146 RFMD-RF5146 Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146PCBA-41X RFMD-RF5146PCBA-41X Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146SB RFMD-RF5146SB Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF5146

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com