Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5189 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5189
Description  3V, 2.45GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5189 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5189 Datasheet HTML 1Page - RF Micro Devices RF5189 Datasheet HTML 2Page - RF Micro Devices RF5189 Datasheet HTML 3Page - RF Micro Devices RF5189 Datasheet HTML 4Page - RF Micro Devices RF5189 Datasheet HTML 5Page - RF Micro Devices RF5189 Datasheet HTML 6Page - RF Micro Devices RF5189 Datasheet HTML 7Page - RF Micro Devices RF5189 Datasheet HTML 8Page - RF Micro Devices RF5189 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-655
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
5
6
7
8
9
4
3
2
1
10
11
12
Input
Match
Output
Match
Bias
Interstage
Match
PWR SEN
BIAS1GND
RF IN
NC
RF OUT
RF OUT
RF5189
3V, 2.45GHz LINEAR POWER AMPLIFIER
• IEEE802.11B WLAN Applications
• 2.5GHz ISM Band Applications
• Wireless LAN Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• Spread-Spectrum and MMDS Systems
The RF5189 is a linear, medium-power, high-efficiency
amplifier IC designed specifically for battery-powered
WLAN applications such as PC cards, mini PCI, and
compact flash applications. The device is manufactured
on an advanced Gallium Arsenide Heterojunction Bipolar
Transistor (HBT) process, and has been designed for use
as the final RF amplifier in 2.5GHz WLAN and other
spread-spectrum transmitters. The device is provided in a
12-pin QFN package with a backside ground. The
RF5189 is designed to maintain linearity over a wide
range of supply voltage and power output. The RF5189 is
designed to reduce end-product BOM count by integrat-
ing all matching circuitry onto the chip.
• Single Power Supply 3.0V to 5.0V
• +30dBm Saturated Output Power
• 25dB Small Signal Gain
• High Linearity
• 2400MHz to 2500MHz Frequency Range
RF5189
3V, 2.45GHz Linear Power Amplifier
RF5189 PCBA
Fully Assembled Evaluation Board
0
Rev A7 060127
Shaded areas represent pin 1.
Dimensions in mm.
0.08 C
0.1 C
C
0.925
0.775
0.102
REF
0.203
REF
2 PLCS
0.15 C
2 PLCS
0.15 C
Pin 1
ID
A
3.00
B
3.00
1.55
1.35
0.45
0.25
TYP
0.10
C A B
M
1.45
Pin 1
ID
0.50 TYP
0.05
Package Style: QFN, 12-Pin, 3x3
RoHS Compliant & Pb-Free Product


Similar Part No. - RF5189

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5189 RFMD-RF5189 Datasheet
229Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189 Datasheet
254Kb / 12P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189PCBA RFMD-RF5189PCBA Datasheet
229Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189PCBA-41X RFMD-RF5189PCBA-41X Datasheet
254Kb / 12P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_1 Datasheet
254Kb / 12P
3V, 2.45GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5189

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189 Datasheet
229Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_1 Datasheet
254Kb / 12P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_11 Datasheet
195Kb / 12P
2.45GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com