Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLB-310 Datasheet(PDF) 2 Page - RF Micro Devices

Part # NLB-310
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-310 Datasheet(HTML) 2 Page - RF Micro Devices

  NLB-310 Datasheet HTML 1Page - RF Micro Devices NLB-310 Datasheet HTML 2Page - RF Micro Devices NLB-310 Datasheet HTML 3Page - RF Micro Devices NLB-310 Datasheet HTML 4Page - RF Micro Devices NLB-310 Datasheet HTML 5Page - RF Micro Devices NLB-310 Datasheet HTML 6Page - RF Micro Devices NLB-310 Datasheet HTML 7Page - RF Micro Devices NLB-310 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-140
NLB-310
Rev A8 060412
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Power
+20
dBm
Power Dissipation
300
mW
Device Current
70
mA
Channel Temperature
200
°C
Operating Temperature
-45 to +85
°C
Storage Temperature
-65 to +150
°C
Exceeding any one or a combination of these limits may cause permanent damage.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
VD=+4.6V, ICC=50mA, Z0=50Ω, TA=+25°C
Small Signal Power Gain, S21
12.0
12.7
dB
f=0.1GHz to 1.0GHz
10.7
dB
f=1.0GHz to 4.0GHz
10.0
dB
f=4.0GHz to 6.0GHz
8.5
9.7
dB
f=6.0GHz to 10.0GHz
9.6
dB
f=10.0GHz to 12.0GHz
Gain Flatness, GF
±0.3
dB
f=5.0GHz to 10.0GHz
Input VSWR
1.6:1
f=0.1GHz to 4.0GHz
1.75:1
f=4.0GHz to 7.0GHz
1.6:1
f=7.0GHz to 11.0GHz
Output VSWR
1.5:1
f=0.1GHz to 4.0GHz
1.8:1
f=4.0GHz to 7.0GHz
1.6:1
f=7.0GHz to 11.0GHz
Output Power @
-1dB Compression, P1dB
12.6
dBm
f=2.0GHz
14.9
dBm
f=6.0GHz
13.1
dBm
f=10.0GHz
Noise Figure, NF
5.0
dB
f=3.0GHz
Third Order Intercept, IP3
+28.9
dBm
f=2.0GHz
+27.9
f=6.0GHz
Reverse Isolation, S12
-17
dB
f=0.1GHz to 20.0GHz
Device Voltage, VD
4.4
4.6
4.8
V
Gain Temperature Coefficient,
δG
T/δT
-0.0015
dB/°C
MTTF versus Temperature
@ ICC=50mA
Case Temperature
85
°C
Junction Temperature
125
°C
MTTF
>1,000,000
hours
Thermal Resistance
θ
JC
174
°C/W
J
T
T
CASE
–
V
D
I
CC
⋅
---------------------------
θ
JC °CWatt
⁄
()
=
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com