Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLB-310 Datasheet(PDF) 1 Page - RF Micro Devices

Part # NLB-310
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-310 Datasheet(HTML) 1 Page - RF Micro Devices

  NLB-310 Datasheet HTML 1Page - RF Micro Devices NLB-310 Datasheet HTML 2Page - RF Micro Devices NLB-310 Datasheet HTML 3Page - RF Micro Devices NLB-310 Datasheet HTML 4Page - RF Micro Devices NLB-310 Datasheet HTML 5Page - RF Micro Devices NLB-310 Datasheet HTML 6Page - RF Micro Devices NLB-310 Datasheet HTML 7Page - RF Micro Devices NLB-310 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-139
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
RF OUT
13
2
4
RF OUT
RF IN
GND
GND
MARKING - N6
NLB-310
CASCADABLE BROADBAND
GaAs MMIC AMPLIFIER DC TO 10GHz
• Narrow and Broadband Commercial and
Military Radio Designs
• Linear and Saturated Amplifiers
• Gain Stage or Driver Amplifiers for
MWRadio/Optical Designs (PTP/PMP/
LMDS/UNII/VSAT/WLAN/Cellular/DWDM)
The NLB-310 cascadable broadband InGaP/GaAs MMIC
amplifier is a low-cost, high-performance solution for gen-
eral purpose RF and microwave amplification needs. This
50
Ω gain block is based on a reliable HBT proprietary
MMIC design, providing unsurpassed performance for
small-signal applications. Designed with an external bias
resistor, the NLB-310 provides flexibility and stability. The
NLB-310 is packaged in a low-cost, surface-mount plastic
package, providing ease of assembly for high-volume
tape-and-reel requirements.
• Reliable, Low-Cost HBT Design
• 12.7dB Gain, +12.6dBm P1dB@2GHz
• High P1dB of +14.9dBm@6.0GHz and
+13.1dBm@10.0GHz
• Single Power Supply Operation
•50
Ω I/O Matched for High Freq. Use
NLB-310
Cascadable Broadband GaAs MMIC Amplifier DC to
10GHz
NLB-310-T1
Tape & Reel, 1000 Pieces
NLB-310-E
Fully Assembled Evaluation Board
NBB-X-K1
Extended Frequency InGaP Amp Designer’s Tool Kit
0
Rev A8 060412
B
N 5
C
A
D
4 M
S
Seating Plane
0.08 S
6
F
E
1 J
2
Kx3
L 3
H
0.1
G
Gauge Plane
A
B
C
D
E
F
G
H
J
1
K
2
L
3
M
4
N
5
0.535 REF.
MILLIMETERS
INCHES
Min.
Nom.
Max.
Min.
Nom.
Max.
0.021 REF.
2.39
2.54
2.69
0.094 0.100 0.106
0.436 0.510 0.586 0.017 0.020 0.023
2.19
2.34
2.49
0.086 0.092 0.098
1.91
2.16
2.41
0.075 0.085 0.095
1.32
1.52
1.72
0.052 0.060 0.068
0.10
0.15
0.20
0.004 0.006 0.008
0.535 0.660 0.785 0.021 0.026 0.031
0.05
0.10
0.15
0.002 0.004 0.006
0.65
0.75
0.85
0.025 0.029 0.033
0.85
0.95
1.05
0.033 0.037 0.041
4.53
4.68
4.83
0.178 0.184 0.190
4.73
4.88
5.03
0.186 0.192 0.198
NOTE: All dimensions are in millimeters, and
the dimensions in inches are for reference only.
Package Style: Micro-X, 4-Pin, Plastic
RoHS Compliant & Pb-Free Product


Similar Part No. - NLB-310

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-310 RFMD-NLB-310 Datasheet
205Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310 Datasheet
262Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-310- RFMD-NLB-310- Datasheet
262Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310-E RFMD-NLB-310-E Datasheet
205Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
More results

Similar Description - NLB-310

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-300 RFMD-NLB-300 Datasheet
204Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310 Datasheet
205Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NLB-300 RFMD-NLB-300_07 Datasheet
266Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_1 Datasheet
262Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-300 RFMD-NLB-300_13 Datasheet
1,017Kb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com