Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLB-310 Datasheet(PDF) 7 Page - RF Micro Devices

Part # NLB-310
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-310 Datasheet(HTML) 7 Page - RF Micro Devices

  NLB-310 Datasheet HTML 1Page - RF Micro Devices NLB-310 Datasheet HTML 2Page - RF Micro Devices NLB-310 Datasheet HTML 3Page - RF Micro Devices NLB-310 Datasheet HTML 4Page - RF Micro Devices NLB-310 Datasheet HTML 5Page - RF Micro Devices NLB-310 Datasheet HTML 6Page - RF Micro Devices NLB-310 Datasheet HTML 7Page - RF Micro Devices NLB-310 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-145
NLB-310
Rev A8 060412
Noise Figure versus Frequency at +25°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Frequency (GHz)
Output P1dB versus Frequency Across Temperature
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Frequency (GHz)
25°C
40°C
85°C
S11 versus Frequency, Over Temperature
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)
S11, +25°C
S11, -40°C
S11, +85°C
S21 versus Frequency, Over Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)
S21, +25°C
S21, -40°C
S21, +85°C
S12 versus Frequency, Over Temperature
-20.0
-18.0
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)
S12, +25°C
S12, -40°C
S12, +85°C
S22 versus Frequency, Over Temperature
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)
S22, +25°C
S22, -40°C
S22, +85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com