Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6136EB
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP6136EB Datasheet HTML 1Page - Sipex Corporation SP6136EB Datasheet HTML 2Page - Sipex Corporation SP6136EB Datasheet HTML 3Page - Sipex Corporation SP6136EB Datasheet HTML 4Page - Sipex Corporation SP6136EB Datasheet HTML 5Page - Sipex Corporation SP6136EB Datasheet HTML 6Page - Sipex Corporation SP6136EB Datasheet HTML 7Page - Sipex Corporation SP6136EB Datasheet HTML 8Page - Sipex Corporation SP6136EB Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev 5/01/06
SP6136 Evaluation Manual
Copyright © 2006 Sipex Corporation
Page 4 of 9
Figure 9. Output Noise at No Load
Figure 10. Output Noise at 7A Load
Series R
Isat
Manufacturer
mOhms
(A)
LxW(mm) Ht.(mm)
Website
ESR
Ripple Current
Voltage
Capacitor
Manufacturer
ohms (max)
(A) @ 45C
LxW(mm) Ht.(mm)
(V)
Type
Website
TDK
C3225X5R1C226M
TDK
C3225X5R0J107M
RDS(on)
ID Current
Voltage
Foot Print
Manufacturer
ohms (max)
(A)
nC (Typ) nC (Max)
(V)
Website
N-Ch
VISHAY Si4354DY
18.50
9.0
7.0
10.5
30.0
SO-8
www.vishay.com
N-Ch
VISHAY Si4886DY
13.5
11.0
14.5
20.0
30.0
SO-8
www.vishay.com
INDUCTORS - SURFACE MOUNT
Inductance
(uH)
Manufacturer/Part No.
Inductor Specification
Size
Inductor Type
2.2
Inter-Technical
SC7232-2R2M
10.4
13.00
7.2x6.6
3.20
Shielded Ferrite Core
www.inter-technical.com
CAPACITORS - SURFACE MOUNT
Capacitance(
uF)
Manufacturer/Part No.
Capacitor Specification
Size
22
0.005
4.00
3X2
2.00
16.0
X5R Ceramic
www.TDK.com
100
0.005
4.00
3X2
2.00
6.3
X5R Ceramic
www.TDK.com
MOSFETS - SURFACE MOUNT
MOSFET
Manufacturer/Part No.
MOSFET Specification
Qg
Table 1: SP6136EB Suggested Components and Vendor Lists
Vout Ripple(10mV/div)
SW Node
Vin=12V
Vout=3.3V
Vout Ripple(10mV/div)
SW Node
Vin=12V
Vout=3.3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com