Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136EB Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6136EB
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136EB Datasheet(HTML) 6 Page - Sipex Corporation

  SP6136EB Datasheet HTML 1Page - Sipex Corporation SP6136EB Datasheet HTML 2Page - Sipex Corporation SP6136EB Datasheet HTML 3Page - Sipex Corporation SP6136EB Datasheet HTML 4Page - Sipex Corporation SP6136EB Datasheet HTML 5Page - Sipex Corporation SP6136EB Datasheet HTML 6Page - Sipex Corporation SP6136EB Datasheet HTML 7Page - Sipex Corporation SP6136EB Datasheet HTML 8Page - Sipex Corporation SP6136EB Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev 5/01/06
SP6136 Evaluation Manual
Copyright © 2006 Sipex Corporation
Page 6 of 9
The simple guidelines for positioning the poles and zeros and for calculating the component
values for Type III compensation are as follows:
K
R
1
.
68
1
=
8
.
0
1
8
.
0
2
−
×
=
Vout
R
R
(sets output voltage)
LC
R
ZSF
CZ
1
1
1
3
×
×
=
(sets first zero)
(
)
(
)
Vin
Vramp
CZ
fc
Cout
L
fc
RZ
×
×
×
+
×
×
×
=
3
28
.
6
1
28
.
6
2
2
(sets the cross-over frequency, fc)
LC
RZ
ZSF
CZ
1
2
1
2
×
×
=
(sets second zero)
2
28
.
6
1
1
RZ
fs
CP
×
×
=
(sets first high-frequency pole)
3
28
.
6
1
3
CZ
fs
RZ
×
×
=
(sets second high-frequency pole)
Where ZSF=(f compensation double zero)/(f circuit double pole)
Here ZSF is set at 0.8.
As a particular example, consider for the following SP6136EB, 7AMAX with a type III Voltage
Loop Compensation component selections:
Vin = 12V
Vout = 3.30V @ 0 to 7A load
Select L = 2.2 uH => 30% current ripple.
Select Cout = 100uF Ceramic capacitor (Resr ≈ 5mΩ)
fs = 600KHz SP6136ER1 internal Oscillator Frequency
Vramp_pp = 1.0V SP6136ER1 internal Ramp Peak to Peak Amplitude



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com