Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6136EB
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP6136EB Datasheet HTML 1Page - Sipex Corporation SP6136EB Datasheet HTML 2Page - Sipex Corporation SP6136EB Datasheet HTML 3Page - Sipex Corporation SP6136EB Datasheet HTML 4Page - Sipex Corporation SP6136EB Datasheet HTML 5Page - Sipex Corporation SP6136EB Datasheet HTML 6Page - Sipex Corporation SP6136EB Datasheet HTML 7Page - Sipex Corporation SP6136EB Datasheet HTML 8Page - Sipex Corporation SP6136EB Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev 5/01/06
SP6136 Evaluation Manual
Copyright © 2006 Sipex Corporation
Page 5 of 9
LOOP COMPENSATION DESIGN
The open loop gain of the SP6136EB can be divided into the gain of the error amplifier
GAMP(S), PWM modulator GPWM, buck converter output stage GOUT(S), and feedback resistor
divider GFBK. In order to crossover at the selected frequency fc, the gain of the error amplifier
has to compensate for the attenuation caused by the rest of the loop at this frequency. The
goal of loop compensation is to manipulate the open loop frequency response such that its
gain crosses over 0dB at a slope of –20dB/dec. The open loop crossover frequency should be
higher than the ESR zero of the output capacitors but less than 1/5 of the switching frequency
fs to insure proper operation.
Since the SP6136EB is designed with ceramic type output
capacitors, a Type III compensation circuit is required to give a phase boost of 180° in order to
counteract the effects of the output LC under damped resonance double pole frequency.
Figure 11. SP6136EB Voltage Mode Control Loop with Loop Dynamic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com