Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4040 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX4040
Description  Precision Micropower 2.5V ShuntVoltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4040 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX4040 Datasheet HTML 1Page - Sipex Corporation SPX4040 Datasheet HTML 2Page - Sipex Corporation SPX4040 Datasheet HTML 3Page - Sipex Corporation SPX4040 Datasheet HTML 4Page - Sipex Corporation SPX4040 Datasheet HTML 5Page - Sipex Corporation SPX4040 Datasheet HTML 6Page - Sipex Corporation SPX4040 Datasheet HTML 7Page - Sipex Corporation SPX4040 Datasheet HTML 8Page - Sipex Corporation SPX4040 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Date: 1/19/05
SPX4040 Micropower 2.5V Shunt Voltage Reference
© Copyright 2005 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
Anode-Cathode Forward Current, (<10ms) I
AK ............................. 10mA
Anode-Cathode Reverse Current I
KA ........................................... 20mA
Continuous Power Dissipation at 25°C P
D
TO-92 ..................................................................... 550mW
SOT-23 .................................................................. 300 mW
SOIC-8 .................................................................... 525mW
Junction Temperature T
J ........................................................... 150 °C
Storage Temperature T
STG .............................................. -65 to 150 °C
NOTE: Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
TYPICAL THERMAL RESISTANCES
PACKAGE
0JA
0JC
TYPICAL DERATING
TO-92
160°C/W 80°C/W
6.3 mW/°C
SOT-23
575°C/W 150°C/W
1.7 mW/°C
SOIC-8
175°C/W 45°C/W
5.7 mW/°C
Typical deratings of the thermal resistances are given for ambient
temperature >25°C.
PARAMETERS
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SPX4040A-2.5
SPX4040-2.5
Reverse Breakdown
IR = 500 µA
2.4875
2.500 2.5125
2.475
2.500
2.525
V
Voltage
Reverse Breakdown
IR = 500µA
±12
±25
mV
Tolerance
-40°C < TA < 85°C
±29
±49
mV
Output Impedance
0.60
0.8
0.60
0.8
Ω
Noise Voltage
0.1KHz≤f≤10Hz
15
15
µV p-p
Tempco
Note 1
100
100
ppm/°C
Turn-on Setting
1.0% of VOUT
30
30
µSec
Operating Current Range Note 2
0.16
15
0.16
15
mA
Temp. Range (ambient)
-40
85
-40
85
°C
075
85
-10
0.5
5000
0
00
0.07 mV/
°C
0.003 %/
°C
27 ppm/
°C
TC in mV/
°C=
TC in % /
°C=
(mV)
∆T
A
∆T
A
at 25
°C
x 100
()
TC in ppm/
°C=
at 25
°C
x106
()
ppm
%
mV
Junction Temperature (
°C)
∆ T
∆VKA
∆VKA
∆VKA
∆VKA
∆VKA
∆VKA
∆TA
15
45
60
30
CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
Figure 1. V
KA VS Temperature.
Notes:
1. Three-point measurement guarantees the error band over the specified temperature range.
2. Optimum performance is obtained at current below 1000
µA.
Electrical characteristics at I
N = 1000µA and TA = +25°C unless otherwise specified.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com