Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4040 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX4040
Description  Precision Micropower 2.5V ShuntVoltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4040 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX4040 Datasheet HTML 1Page - Sipex Corporation SPX4040 Datasheet HTML 2Page - Sipex Corporation SPX4040 Datasheet HTML 3Page - Sipex Corporation SPX4040 Datasheet HTML 4Page - Sipex Corporation SPX4040 Datasheet HTML 5Page - Sipex Corporation SPX4040 Datasheet HTML 6Page - Sipex Corporation SPX4040 Datasheet HTML 7Page - Sipex Corporation SPX4040 Datasheet HTML 8Page - Sipex Corporation SPX4040 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date: 1/19/05
SPX4040 Micropower 2.5V Shunt Voltage Reference
© Copyright 2005 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
VIN
VKA
IK
-2
-1
0
1
2
3
150
125
100
75
50
25
0
-25
-50
-75
-100
VKA Cathode Voltage (V)
VKA = 2.5V
0°C to 85°C
Figure 2. Test Circuit for I
KREVERSE, VKA = 2.5V
Figure 3. High Current Operating Characteristics
-1.0
0
1.0
2.0
3.0
270
240
210
180
150
120
90
60
30
0
-30
-60
VKA Cathode Voltage (V)
VKA = 2.5V
0° to 105°C
105°C
25°C
-0°C
Figure 4. Low Current Operating Characteristics
Figure 5. Noise Voltage VS Frequency
TA - Free Air Temperature
VKA = 2.5V
IKA = 1 to 15mA
f ≤ 1kHz
0.150
0.125
0.100
0.075
0.050
0.025
0.0
-60
-30
0
30
60
85
Figure 7. Frequency = 100kHz, I
K = 10mA, TA = 25°C
VOUT
VIN
f Frequency (Hz)
VKA = 2.5V
IK = 10mA
TA = 25°C
70
60
50
40
30
20
10
0
10
100
1K
10K
100K
Figure 6. Low Frequency Dynamic Output Impedance
VS. T
AMBIENT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com