Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4040 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX4040
Description  Precision Micropower 2.5V ShuntVoltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4040 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX4040 Datasheet HTML 1Page - Sipex Corporation SPX4040 Datasheet HTML 2Page - Sipex Corporation SPX4040 Datasheet HTML 3Page - Sipex Corporation SPX4040 Datasheet HTML 4Page - Sipex Corporation SPX4040 Datasheet HTML 5Page - Sipex Corporation SPX4040 Datasheet HTML 6Page - Sipex Corporation SPX4040 Datasheet HTML 7Page - Sipex Corporation SPX4040 Datasheet HTML 8Page - Sipex Corporation SPX4040 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date: 1/19/05
SPX4040 Micropower 2.5V Shunt Voltage Reference
© Copyright 2005 Sipex Corporation
Precision Micropower 2.5V ShuntVoltage Reference
The SPX4040 is a 2-terminal, temperature compensated, bandgap voltage reference that
provides a fixed 2.5V output for input currents between 160µA and 15mA. The bandgap voltage
(2.5V) is independently trimmed from the output voltage to achive a very low temperature
coefficient. This trimming technique gives a stable device over the full temperature range
(100ppm/°C).
The SPX4040 is available in 3 pin TO-92, 3 SOT-23 and 8 pin NSOIC packages. The operating
temperature range is -40°C to 85°C. The SPX4040 advanced design eliminates the need for an
external stabilizing capacitor while ensuring stability with any capacitive load, making it easy to
use.
SPX4040
®
FEATURES
■ Trimmed Bandgap to 0.5% and 1%
■ Wide Operating Current 160µA to 15mA
■ Extended Temperature Range:
-40°C to 85°C
■ Low Temperature Coefficient 100 ppm/°C
■ Replacement in for LM4040
APPLICATIONS
■ Battery Operating Equipment
■ Adjustable Supplies
■ Switching Power Supplies
■ Error Amplifiers
DESCRIPTION
Anode (A)
Cathode (K)
2.5V
+
-
R
R
TYPICAL APPLICATIONS CIRCUIT
■ Single Supply Amplifier
■ Monitors / VCRs / TVs
■ Personal Computers
Now Available in Lead Free Packaging
1
2
3
4
5
6
7
8
SPX4040
8 Pin nSOIC
CATHODE
N/C
ANODE
N/C
N/C
N/C
N/C
N/C


Similar Part No. - SPX4040

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
SPX4040A2M-2.5 SIPEX-SPX4040A2M-2.5 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
SPX4040A2M-5.0 SIPEX-SPX4040A2M-5.0 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
SPX4040A2N-2.5 SIPEX-SPX4040A2N-2.5 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
SPX4040A2N-5.0 SIPEX-SPX4040A2N-5.0 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
More results

Similar Description - SPX4040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2000
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
logo
Microsemi Corporation
LM385 MICROSEMI-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
logo
List of Unclassifed Man...
LM385 ETC-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004_07 Datasheet
793Kb / 9P
1.2V / 2.5V Micropower Voltage Reference
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_12 Datasheet
275Kb / 8P
1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com