Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7615EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7615EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7615EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP7615EB Datasheet HTML 1Page - Sipex Corporation SP7615EB Datasheet HTML 2Page - Sipex Corporation SP7615EB Datasheet HTML 3Page - Sipex Corporation SP7615EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Aug24-06
SP7615 Evaluation Board Manual
© 2006 Sipex Corporation
DESCRIPTION AND BOARD SCHEMATIC
The SP7615 Evaluation Board is designed to help the user
evaluate the performance of the SP7615 for use as a single
Luxeon 1W LED Driver or 4 LED Driver with matched currents.
The evaluation board is a completely assembled and tested
surface mount board which provides easy probe access points
to all SP7615 inputs and outputs so that the user can quickly
connect and measure electrical characteristics and waveforms.
Two versions of the Evaluation Board schematic diagram are
shown at Figure 1 and Figure 2.
The SP7615 is a linear constant current driver designed to drive multiple LEDs in series from a high input
voltage rail or single high current LED. The driver acts as a high current matched four channel current
source ensuring constant LED current for a range of input voltage. The SP7615 allows implementing the
lowest cost LED driver for a variety of applications. Internal circuitry maintains the pre-set constant
current output for a wide voltage range at the LED outputs (LED1, 2, 3, 4). LED current can be adjusted
up to 125mA per string with an external resistor R1. The dimming can be achieved by controlling the
ISET input or by feeding a PWM signal to the EN pin. Fast EN turn-on and turn-off time allows for very
fast PWM dimming frequencies completely eliminating flickering. The built-in thermal protection
automatically adjusts LED current to prevent overheating.
Figure 1. SP7615 Evaluation board with a single Luxeon 1W LED
Cost Effective LED driver
Constant current output ideal for Driving LED strings
Four Channel LED Driver provides matched LED current
Current adjusted via an external resistor
PWM dimming possible by using either the ENABLE
or the ISET pin
Small 2mm x 3mm DFN power package
Outputs can be connected in parallel to increase drive
Constant current for wide cathode voltage range
(0.5V to 16V)
Highly integrated design, minimal components
Thermal shutdown protects the driver
SP7615
Evaluation Board Manual


Similar Part No. - SP7615EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7615ER SIPEX-SP7615ER Datasheet
286Kb / 11P
Four Channel Constant Current LED Driver
SP7615ER/TR SIPEX-SP7615ER/TR Datasheet
286Kb / 11P
Four Channel Constant Current LED Driver
More results

Similar Description - SP7615EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
SP7680 SIPEX-SP7680_07 Datasheet
97Kb / 6P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com