Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7615EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7615EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7615EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP7615EB Datasheet HTML 1Page - Sipex Corporation SP7615EB Datasheet HTML 2Page - Sipex Corporation SP7615EB Datasheet HTML 3Page - Sipex Corporation SP7615EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SP7615 Evaluation Board Manual
Aug 24,2006
4
EVALUATION BOARD LAYOUT
Figure 3. SP7615 Evaluation Board Layout top and bottom side
Table2. SP7615EB List of Materials
Reference
Quantity
Value
Type
Manufacturer
C1
1
1nF 10%
06033D102KAT2
AVX
D1*
1
LXHLMW1D
Luxeon
D2, D3, D4, D5*
4
SML-LX2832UWC-TR
Vishay
R1
1
10k 1%
M11251031%P5
Vishay
R2
1
10k 1%
M11251031%P5
Vishay
U1
1
SP7615ER
Sipex
* Board may contain only D1 or D2 – D5 depend on modification
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP7615EB............................... -40°C to +85°C.................... SP7615 Evaluation Board Configurable for 1 or 4 LED
SP7615ER/TR..........................-40°C to +85°C................... 8-pin DFN (2 x 3 mm)
/TR = Tape and Reel
Pack quantity is 3000 for DFN.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP7615ER/TR = standard; SP7615ER-L/TR = lead free



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com