Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7615EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7615EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7615EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP7615EB Datasheet HTML 1Page - Sipex Corporation SP7615EB Datasheet HTML 2Page - Sipex Corporation SP7615EB Datasheet HTML 3Page - Sipex Corporation SP7615EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SP7615 Evaluation Board Manual
Aug 24,2006
2
Figure 2. SP7615 Evaluation board with four LED
with matched currents
Capacitor C1 is a decoupling capacitor. Resistor R2 is used to turn device on at power on. The SP7615 has internal
pull down resistor at EN input and will be in the Sleep Mode if EN pin isn’t connected to Vin voltage. If EN pin isn’t
used for modulation, it may be connected to Vin voltage directly.
USING THE EVALUATION BOARD
1) Powering Up the SP7615 Circuit
The SP7615 Evaluation Board can be powered from a 4.5V power supply or from 3 alkaline cells. Connect 4.5V
source pin with short lead directly to the “Vin” and -4.5V /GND pin to the “GND” posts.
2) Selecting the Bias Resistor
LED current can be adjusted up to 125mA per string with an external resistor R1. The R1 value may be determined
as R1 = 1.26 * 1000/IOUT, kohm, where 1.26 is a typical ISET pin voltage, 1000 is a typical current multiplication ratio,
and IOUT is a required one string current in mA.
3) Dimming
The device has an enable function that is designed for TTL level inputs. This input will also track the VCC pin so
levels up to VCC are acceptable. The enable pin can also be used to control the LED brightness with a pulse width
modulated control signal. Duty Cycle or PWM control of the LED current maintains constant LED color while
brightness is changing. The SP7615 responds in less than 10µs to PWM signals applied to this pin. To change LED
brightness apply 70Hz – 1kHz PWM rectangle pulse TTL level to EN post in respect to GND. Logic one turns the
device on and logic zero turns it off.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
2.5
3
3.5
4
4.5
5
5.5
Vin Voltage, V
Vdiode_f
Vcat
Iin x100mA
Idiode x100mA
Iquies x100mA
Graph 1. LED Forward Voltage (Vdiode_f), LED cathode voltage (Vcat), Evaluation Board Input Current (Iin), sum
of LED Currents (Idiode), and Quiescent Current (Iquies) vs. Input Voltage at R1 = 10k



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com