Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7651EB Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7651EB
Description  Evaluation Board Manual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7651EB Datasheet(HTML) 8 Page - Sipex Corporation

  SP7651EB Datasheet HTML 1Page - Sipex Corporation SP7651EB Datasheet HTML 2Page - Sipex Corporation SP7651EB Datasheet HTML 3Page - Sipex Corporation SP7651EB Datasheet HTML 4Page - Sipex Corporation SP7651EB Datasheet HTML 5Page - Sipex Corporation SP7651EB Datasheet HTML 6Page - Sipex Corporation SP7651EB Datasheet HTML 7Page - Sipex Corporation SP7651EB Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Sept12-06
SP7651 Evaluation Manual
©2006 Sipex Corporation
Page 8 of 8
Table 1: SP7651EB List of Materials
REF. DES.
QTY
MANUFACTURER
NAME
Manufacturer Part Number
SIZE
DESCRIPTION
U1
1
SIPEX
SP7651ER
DFN-26
2-FETs Buck Ctrl
U2
1
Sipex
SPX5205M5-5.0
SOT-23-5
150mA LDO Voltage Regulator
DBST
1
Diodes Inc.
SD101AWS-7
SOD-323
Schottky Diode, 15mA
L1
1
Intertechnical
SC7232-2R2M
7 X 7mm
Inductor, 2.2uH, 8A, 10.4mohm
C3
1
TDK CORPORATION
C3225X5R0J226M
1210
Capacitor, Ceramic, 22uF, 6.3V, X5R, 20%
C4
1
TDK CORPORATION
C3225X5R1C226M
1210
Capacitor, Ceramic, 22uF, 16V, X5R, 20%
CVCC
1
TDK CORPORATION
C1608X5R1A225K
0603
Capacitor, Ceramic, 2.2uF, 10V, X5R, 10%
C2
1
TDK CORPORATION
C1608X7R1H104K
0603
Capacitor, Ceramic, 0.1uF, 50V, X7R, 10%
CBST
1
AVX CORPORATION
06035C682KAT2A
0603
Capacitor, Ceramic, 6.8nF, 50V, X7R, 10%
CSS
1
ROHM
MCH185CN153KK
0603
Capacitor, Ceramic, 15nF, 50V, X7R, 10%
CP1
1
AVX CORPORATION
06035A100JAT2A
0603
Capacitor, Ceramic, 10pF, 50V, C0G, 5%
CZ2
1
AVX CORPORATION
06035A391JAT2A
0603
Capacitor, Ceramic, 390pF, 50V, C0G, 5%
CZ3
1
AVX CORPORATION
06035A101JAT2A
0603
Capacitor, Ceramic, 100pF, 50V, C0G, 5%
CF1
1
ROHM
MCH185A101JK
0603
Capacitor, Ceramic, 100pF, 50V, C0G, 5%
RZ2
1
VISHAY DALE
CRCW0603-1502FRT1
0603
Resistor, 15K, 1/16W, 1%
R2
1
SEI ELECTRONICS
RMC-1/16W-21.5K-1%-TR
0603
Resistor, 21.5K, 1/16W, 1%
RZ3
1
VISHAY DALE
CRCW0603-2001FRT1
0603
Resistor, 2K, 1/16W, 1%
R1
1
VISHAY DALE
CRCW0603-6812FRT1
0603
Resistor, 68.1K, 1/16W, 1%
R3
1
VISHAY DALE
CRCW0603-2003FRT1
0603
Resistor, 200K, 1/16W, 1%
R4
1
VISHAY DALE
CRCW0603-1003FRT1
0603
Resistor, 100K, 1/16W, 1%
RBST
1
ROHM
MCR03EZPEFX20R0
0603
Resistor, 20, 1/16W, 1%
VIN,VOUT,
GND,GND2
4
Vector Electronic
K24C/M
.042 Dia
Input/Output Terminal Posts
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP7651EB…................................-40°C to +85°C...............…SP7651 Evaluation Board
SP7651ER..............................…. -40°C to +85°C.................................……26-pin DFN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com