Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7651EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7651EB
Description  Evaluation Board Manual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7651EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP7651EB Datasheet HTML 1Page - Sipex Corporation SP7651EB Datasheet HTML 2Page - Sipex Corporation SP7651EB Datasheet HTML 3Page - Sipex Corporation SP7651EB Datasheet HTML 4Page - Sipex Corporation SP7651EB Datasheet HTML 5Page - Sipex Corporation SP7651EB Datasheet HTML 6Page - Sipex Corporation SP7651EB Datasheet HTML 7Page - Sipex Corporation SP7651EB Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Sept12-06
SP7651 Evaluation Manual
©2006 Sipex Corporation
Page 5 of 8
TYPE III LOOP COMPENSATION DESIGN
The open loop gain of the SP7651EB can be divided into the gain of the error amplifier
Gamp(s), PWM modulator Gpwm, buck converter output stage Gout(s), and feedback
resistor divider Gfbk. In order to cross over at the selecting frequency fco, the gain of
the error amplifier must compensate for the attenuation caused by the rest of the loop at
this frequency. The goal of loop compensation is to manipulate the open loop frequency
response such that its gain crosses over 0dB at a slope of –20dB/dec. The open loop
crossover frequency should be higher than the ESR zero of the output capacitors but
less than 1/5 to 1/10 of the switching frequency fs to insure proper operation. Since the
SP7651EB is designed with Ceramic Type output capacitors, a Type III compensation
circuit is required to give a phase boost of 180° in order to counteract the effects of the
output LC underdamped resonance double pole frequency.
(SRz2Cz2+1)(SR1Cz
3+1)
SR1Cz2(SRz3Cz3+1)(SRz2C
p1+1)
Vin
Vramp_p
p
(SResrCout+
1)
[S^2LCout+S(Resr+Rdc)Co
ut+1]
(R1+R2
)
R2
OR
Vout
Vref
Vout
(Volts
)
Vref
(Volts
)
Type III Voltage
Loop
(Volts
)
Vfbk
Gout(S)
Gain Block
Compensation Gamp(S)
PWM Stage
Output Stage
Gain Block
Gain Block
Gpwm
Gain Block
Gfbk
Voltage Feedback
Resr
:= Output Capacitor Equivalent Series Resitance
Definition
s:
Rdc
:= Output Inductor DC Resistance
Vramp_pp := SP7651 Internal RAMP Amplitude Peak to Peak Voltage
Output Load Resistance >> Resr and Rdc
Cz2 >> Cp1 and R1 >> Rz3
Condition
s:
Figure 11. Voltage Mode Control Loop with Loop Dynamic for Type III Compensation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com