Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7651EB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7651EB
Description  Evaluation Board Manual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7651EB Datasheet(HTML) 3 Page - Sipex Corporation

  SP7651EB Datasheet HTML 1Page - Sipex Corporation SP7651EB Datasheet HTML 2Page - Sipex Corporation SP7651EB Datasheet HTML 3Page - Sipex Corporation SP7651EB Datasheet HTML 4Page - Sipex Corporation SP7651EB Datasheet HTML 5Page - Sipex Corporation SP7651EB Datasheet HTML 6Page - Sipex Corporation SP7651EB Datasheet HTML 7Page - Sipex Corporation SP7651EB Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sept12-06
SP7651 Evaluation Manual
©2006 Sipex Corporation
Page 3 of 8
Efficiency vs Load Current
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Load current (A)
Output Voltage vs Load Current
3.280
3.290
3.300
3.310
3.320
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Load current (A)
Figure 1. Efficiency vs Load
Figure 2. Load Regulation
Figure 3. Load Step Response: 1.5->3A
Figure 4. Load Step Response: 0->3A
Figure 5. Start-Up Response: No Load
Figure 6. Start-Up Response: 3A Load
Vout
Vin
SoftStart
Ichoke (0.5A/div)
Iout (2A/div)
Vout
Iout (1A/div)
Vout
Vout
Vin
SoftStart
Ichoke (2A/div)
Vi=12V
Vo=3.3V
Vi=12V
Vo=3.3V
Vi=12V
Vo=3.3V
Vi=12V
Vo=3.3V
Vi=12V
Vo=3.3V
Vi=12V
Vo=3.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com