Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7662 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP7662
Description  Evaluation Board Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP7662 Datasheet HTML 3Page - Sipex Corporation SP7662 Datasheet HTML 4Page - Sipex Corporation SP7662 Datasheet HTML 5Page - Sipex Corporation SP7662 Datasheet HTML 6Page - Sipex Corporation SP7662 Datasheet HTML 7Page - Sipex Corporation SP7662 Datasheet HTML 8Page - Sipex Corporation SP7662 Datasheet HTML 9Page - Sipex Corporation SP7662 Datasheet HTML 10Page - Sipex Corporation SP7662 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Feb21-07
SP7662 Evaluation Manual
©2007 Sipex Corporation
Page 7 of 11
Step by step design procedures:
Choose
fs/10
fco
=
30kHz
300kHz/10
fco
=
=
Calculate fp_LC the double pole frequency of the filter
)
C
L
(
2
1
fp_LC
=
π
7kHz
6852hz
)
200uF
2.7uH
1
fp_LC
=
=
Calculate fz_ESR the ESR zero frequency
Cout
Cesr
1
fz_ESR
=
kHz
µF
mΩ
π
ESR
fz
530
)
200
(
)
2
/
3
(
2
1
_
=
=
Select R1 component value such that 10k
Ω ≤ R1 ≤ 100kΩ
R1 = 10k
Ω, 1%
Calculate R2 based on the desired VOUT
1
8
.
1
2


=
V
Vout
R
R
=


=
3160
3200
1
8
.
3
.
3
1
.
68
2
V
V
K
R
Note: Loop Compensation component calculations discussed
in this section can be quickly iterated with the Type III Loop
Compensation Calculator on the web at:
www.sipex.com/files/Application-Notes/TypeIIICalculator.xls



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com